Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P32P4911A Datasheet (PDF) - NXP Semiconductors

P32P4911A Datasheet PDF - NXP Semiconductors
Part # P32P4911A
Download  P32P4911A Download
File Size   257.55 Kbytes
Page   63 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PRML Read Channel with PR4, 8/9 ENDEC, FWR Servo

P32P4911A Datasheet (PDF)

Go To PDF Page Download Datasheet
P32P4911A Datasheet PDF - NXP Semiconductors

Part # P32P4911A
Download  P32P4911A Click to download

File Size   257.55 Kbytes
Page   63 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PRML Read Channel with PR4, 8/9 ENDEC, FWR Servo

P32P4911A Datasheet (HTML) - NXP Semiconductors


P32P4911A Product details

GENERAL DESCRIPTION

The Philips Semiconductors P32P4911A is a high performance BiCMOS read channel IC that provides all of the functions needed to implement an entire Partial Response Class 4 (PR4) read channel for zoned recording hard disk drive systems with data rates from 42 to 125 Mbit/s or 33 to 100 Mbit/s. Functional blocks include AGC, programmable filter, adaptive transversal filter, Viterbi qualifier, 8,9 GCR ENDEC, data synchronizer, time base generator, and FWR servo.



FEATURES

General:

• Register programmable data rates from 42 to 125 Mbit/s or 33 to 100 Mbit/s

• Sampled data read channel with Viterbi qualification

• Programmable filter for PR4 equalization

• Five tap transversal filter with adaptive PR4 equalization

• 8/9 GCR ENDEC

• Data Scrambler/Descrambler

• Presettable Precoder State

• Programmable write precompensation

• Low operating power (0.925 W typical at 5V)

• Register programmable power management (<5 mW power down mode)

• 4-bit nibble and byte-wide bi-directional NRZ data interfaces

• 8-bit Direct Write mode automatically configured for RCLK = VCO/8

• Serial interface port for access to internal program storage registers

• Single power supply (5V ± 10%)

• Small footprint, 100-lead LQFP package



 




Similar Part No. - P32P4911A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P32P4910 PHILIPS-P32P4910 Datasheet
325Kb / 64P
PRML Read Channel with PR4, 8/9 ENDEC, 4-Burst Servo
1996 May 29
P32P4910A PHILIPS-P32P4910A Datasheet
325Kb / 64P
PRML Read Channel with PR4, 8/9 ENDEC, 4-Burst Servo
1996 May 29
More results


Similar Description - P32P4911A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP84910 NSC-DP84910 Datasheet
377Kb / 32P
Integrated Read Channel
logo
STMicroelectronics
L6363 STMICROELECTRONICS-L6363 Datasheet
86Kb / 4P
PRML READ/WRITE CHANNEL
Jun-2001
logo
Level One
LXT904 LVL1-LXT904 Datasheet
500Kb / 18P
Ethernet Interface Adapter with EnDec and AUI
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
DVD/CD Read Channel
logo
NXP Semiconductors
P32P4910 PHILIPS-P32P4910 Datasheet
325Kb / 64P
PRML Read Channel with PR4, 8/9 ENDEC, 4-Burst Servo
1996 May 29
logo
ATMEL Corporation
AT78C4050 ATMEL-AT78C4050 Datasheet
137Kb / 5P
DVD PRML Channel and System Controller SoC
logo
List of Unclassifed Man...
LD4000 ETC1-LD4000 Datasheet
549Kb / 4P
PR4/EPR4 Read/Write Controller
logo
DIOTEC Electronics Corp...
BAR1201D DEC-BAR1201D Datasheet
233Kb / 1P
12 AMP PR4 DIODE CELLS
BUDI-1200D-1A DEC-BUDI-1200D-1A Datasheet
64Kb / 1P
12 AMP PR4 DIODE CELLS
logo
List of Unclassifed Man...
SG90 ETC-SG90 Datasheet
124Kb / 2P
9 g Micro Servo
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com