Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6363 Datasheet (PDF) - STMicroelectronics

L6363 Datasheet PDF - STMicroelectronics
Part # L6363
Download  L6363 Download
File Size   86.94 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRML READ/WRITE CHANNEL

L6363 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6363 Datasheet PDF - STMicroelectronics

Part # L6363
Download  L6363 Click to download

File Size   86.94 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRML READ/WRITE CHANNEL

L6363 Datasheet (HTML) - STMicroelectronics


L6363 Product details

DESCRIPTION
L6363 is a 0.18µm CMOS PRML R/W channel supporting data rates up to 750Mb/sec with Servo Demodulation, Clock Synthesis, Channel Quality Monitor for channel optimization and Disk Surface Defect Scan capability

■ SIGNAL PROCESSING
   – PR4 signal equalization and loops
   – 8th order optimized low pass filter with programmable cut-off frequency and boost
   – single flash 6-bit ADC
   – 5-TAP programmable/self-adaptive digital FIR for signal equalization
   – Programmable/self-adaptive Offset and MR Head Asymmetry compensation for signal equalization
   – Timing and Gain loops for optimum data recovery
   – Encoder scheme:
   – Rate 304/338 with Local ECC (16/17 without Local ECC)
   – Detector scheme:
   – Media Noise TerminatorTM Detector
   – Optional Local ECC Post Processing scheme
   – 8-bit NRZ interface to disk controller
   – Thermal Asperity detection/compensation and Erasure Flag
■ WRITE
   – 2 level Write Precomp for Non Linear Transition Shift compensation
   – Asynchronous and Synchronous Direct Write for disk/head characterization
■ SERVO
   – Digital Synchronous Servo with data rates up to 75MHz (8x Ovsersampling)
   – Internal Burst and Grey Code detection
   – Repeatable Run Out Support
■ CHANNEL QUALITY MONITOR
   – Fast read parameters optimization for minimum BER
   – Advanced Disk Surface Defect Scan
■ QUALITY AND RELIABILITY
   – BIST for analog front-end and digital back-end
   – Iddq and I/O pins mapping
■ POWER SUPPLY AND CONTROL
   – 2.5V Analog and 1.8V Digital supply; 1.8V to 3.3V supply for I/O pins
   – Advanced Power Management features




Similar Part No. - L6363

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
L6360 STMICROELECTRONICS-L6360 Datasheet
627Kb / 4P
STM32 Nucleo pack for IO-Link master with IO-Link v1.1 PHY and stack
04-Jul-2018
L6362 STMICROELECTRONICS-L6362 Datasheet
197Kb / 4P
Fully integrated device transceiver IC
23-Jul-2009
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
L6362A STMICROELECTRONICS-L6362A Datasheet
3Mb / 5P
IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
04-Jun-2018
More results


Similar Description - L6363

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
SINGLE CHIP READ & WRITE CHANNEL
Aug-1993
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
Read/Write Transponder
logo
Hitachi Semiconductor
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
READ / WRITE CIRCUIT
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IUT-F190-B40-2V1D-FR1-01 PF-IUT-F190-B40-2V1D-FR1-01 Datasheet
809Kb / 3P
Read/write station
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com