Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6363 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6363
Description  PRML READ/WRITE CHANNEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6363 Datasheet(HTML) 1 Page - STMicroelectronics

  L6363 Datasheet HTML 1Page - STMicroelectronics L6363 Datasheet HTML 2Page - STMicroelectronics L6363 Datasheet HTML 3Page - STMicroelectronics L6363 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
L6363
June 2001
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
SIGNAL PROCESSING
– PR4 signal equalization and loops
– 8th order optimized low pass filter with program-
mable cut-off frequency and boost
– single flash 6-bit ADC
– 5-TAP programmable/self-adaptive digital FIR
for signal equalization
– Programmable/self-adaptive Offset and MR
Head Asymmetry compensation for signal
equalization
– Timing and Gain loops for optimum data recov-
ery
– Encoder scheme:
– Rate 304/338 with Local ECC (16/17 without
Local ECC)
– Detector scheme:
– Media Noise TerminatorTM Detector
– Optional Local ECC Post Processing scheme
– 8-bit NRZ interface to disk controller
– Thermal Asperity detection/compensation and
Erasure Flag
s
WRITE
– 2 level Write Precomp for Non Linear Transition
Shift compensation
– Asynchronous and Synchronous Direct Write
for disk/head characterization
s
SERVO
– Digital Synchronous Servo with data rates up to
75MHz (8x Ovsersampling)
– Internal Burst and Grey Code detection
– Repeatable Run Out Support
s
CHANNEL QUALITY MONITOR
– Fast read parameters optimization for minimum
BER
– Advanced Disk Surface Defect Scan
s
QUALITY AND RELIABILITY
– BIST for analog front-end and digital back-end
– Iddq and I/O pins mapping
s
POWER SUPPLY AND CONTROL
– 2.5V Analog and 1.8V Digital supply; 1.8V to
3.3V supply for I/O pins
– Advanced Power Management features
DESCRIPTION
L6363 is a 0.18
µm CMOS PRML R/W channel sup-
porting data rates up to 750Mb/sec with Servo De-
modulation,
Clock
Synthesis,
Channel
Quality
Monitor for channel optimization and Disk Surface
Defect Scan capability
TQFP100
ORDERING NUMBER: L6363
PRODUCT PREVIEW
PRML READ/WRITE CHANNEL


Similar Part No. - L6363

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
L6360 STMICROELECTRONICS-L6360 Datasheet
627Kb / 4P
STM32 Nucleo pack for IO-Link master with IO-Link v1.1 PHY and stack
04-Jul-2018
L6362 STMICROELECTRONICS-L6362 Datasheet
197Kb / 4P
Fully integrated device transceiver IC
23-Jul-2009
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
L6362A STMICROELECTRONICS-L6362A Datasheet
3Mb / 5P
IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
04-Jun-2018
More results

Similar Description - L6363

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
SINGLE CHIP READ & WRITE CHANNEL
Aug-1993
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
Read/Write Transponder
logo
Hitachi Semiconductor
MA16688MP HITACHI-MA16688MP Datasheet
139Kb / 5P
READ / WRITE CIRCUIT
HA16688MP HITACHI-HA16688MP Datasheet
134Kb / 5P
READ / WRITE CIRCUIT
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IUT-F190-B40-2V1D-FR1-01 PF-IUT-F190-B40-2V1D-FR1-01 Datasheet
809Kb / 3P
Read/write station
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com