Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362 Datasheet (PDF) - STMicroelectronics

L6362 Datasheet PDF - STMicroelectronics
Part # L6362
Download  L6362 Download
File Size   197.02 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully integrated device transceiver IC

L6362 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6362 Datasheet PDF - STMicroelectronics

Part # L6362
Download  L6362 Click to download

File Size   197.02 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Fully integrated device transceiver IC

L6362 Datasheet (HTML) - STMicroelectronics


L6362 Product details

Description

The L6362 is a monolithic dual push pull Transceiver fully compliant to PHY2 (3 wires) supporting COM1 (4.8 kbaud), COM2 (38.4 kbaud) and COM3 (230.4 kbaud) modes. C/Q and I/Q output stages are programmable: high-side, low-side or push-pull; also cut-off current and cutoff current delay time are programmable. Cut-off current and cut-off current delay time combined with thermal shutdown and automatic re-start protect the device against overload and short circuit.



Features

■ Supply voltage from 8 V to 32.5 V

■ 2 programmable output stages: high-side, low side or push-pull (< 4 Ω @125 °C)

■ Up to 230 kHz communication speed

■ 2 industrial digital inputs, type 1 compliant and programmable filter

■ Short-circuit and overcurrent outputs protection through current limitation and programmable cut-off current

■ Overvoltage protection (>36 V)

■ 3.3 V/5 V selectable 50 mA linear regulator (with maximum power dissipation = 200 mW)

■ On chip high efficiency adjustable 50 mA synchronous step-down switching regulator

■ Control, configuration and diagnostic registers

■ Diagnostic dual LED sequence generator and driver

■ Internal clock generator with programmable frequency divider

■ 5 V and 3.3 V compatible I/Os

■ Integrated active reverse polarity protection with 200 mV @ 200 mA drop

■ Integrated, IEC61000-4-5 surge protection, with source impedance 500 Ω

■ Overtemperature protection

■ ESD protection

■ Conform to IEC 61000-4-4

■ Miniaturized: QFN 3.5 x 5 x 1 26 lead package



Applications

■ Industrial sensors power-stage

■ 24 V push pull line driver

■ Fast I/O PLC interface, IO-Link conform




Similar Part No. - L6362

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
L6362A STMICROELECTRONICS-L6362A Datasheet
3Mb / 5P
IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
04-Jun-2018
L6362A STMICROELECTRONICS-L6362A Datasheet
273Kb / 4P
STM32 Nucleo pack for IO-Link device fully compatible with IO-Link v1.1 (PHY and stack)
Rev 3 - October 2018
More results


Similar Description - L6362

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3545 PHILIPS-UAA3545 Datasheet
116Kb / 28P
Fully integrated DECT transceiver
2001 Sep 06
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
FULLY INTEGRATED BALLAST CONTROL IC
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
FULLY INTEGRATED BALLAST CONTROL IC
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS_07 Datasheet
414Kb / 14P
Fully integrated GPS LNA IC
04-Apr-2007
logo
International Rectifier
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
logo
STMicroelectronics
SMA66-1 STMICROELECTRONICS-SMA66-1 Datasheet
404Kb / 14P
Fully integrated GPS LNA IC
27-Mar-2009
logo
International Rectifier
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
logo
Qorvo, Inc
DWM3000 QORVO-DWM3000 Datasheet
188Kb / 2P
Fully integrated UWB transceiver module
Rev. A, April 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com