Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6362
Description  Fully integrated device transceiver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362 Datasheet(HTML) 1 Page - STMicroelectronics

  L6362 Datasheet HTML 1Page - STMicroelectronics L6362 Datasheet HTML 2Page - STMicroelectronics L6362 Datasheet HTML 3Page - STMicroelectronics L6362 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2009
Doc ID 16038 Rev 1
1/4
4
L6362
Fully integrated device transceiver IC
Features
■ Supply voltage from 8 V to 32.5 V
■ 2 programmable output stages: high-side, low-
side or push-pull (< 4
Ω @125 °C)
■ Up to 230 kHz communication speed
■ 2 industrial digital inputs, type 1 compliant and
programmable filter
■ Short-circuit and overcurrent outputs
protection through current limitation and
programmable cut-off current
■ Overvoltage protection (>36 V)
■ 3.3 V/5 V selectable 50 mA linear regulator
(with maximum power dissipation = 200 mW)
■ On chip high efficiency adjustable 50 mA
synchronous step-down switching regulator
■ Control, configuration and diagnostic registers
■ Diagnostic dual LED sequence generator and
driver
■ Internal clock generator with programmable
frequency divider
■ 5 V and 3.3 V compatible I/Os
■ Integrated active reverse polarity protection
with 200 mV @ 200 mA drop
■ Integrated, IEC61000-4-5 surge protection,
with source impedance 500
Ω
■ Overtemperature protection
■ ESD protection
■ Conform to IEC 61000-4-4
■ Miniaturized: QFN 3.5 x 5 x 1 26 lead package
Applications
■ Industrial sensors power-stage
■ 24 V push pull line driver
■ Fast I/O PLC interface, IO-Link conform
Description
The L6362 is a monolithic dual push pull
Transceiver fully compliant to PHY2 (3 wires)
supporting COM1 (4.8 kbaud), COM2 (38.4
kbaud) and COM3 (230.4 kbaud) modes. C/Q and
I/Q output stages are programmable: high-side,
low-side or push-pull; also cut-off current and cut-
off current delay time are programmable. Cut-off
current and cut-off current delay time combined
with thermal shutdown and automatic re-start
protect the device against overload and short
circuit. C/Q and I/Q output stages are able to drive
also inductive loads up to 10 mJ. Supply voltage
is monitored and low voltage condition is
detected. L6362 transfers/receives, through the
PHY2, data received/transmitted in the digital
block from sensor/actuator to/from the L6360 twin
device. To enable full IC control, regarding
configuration and monitoring (i.e. fault condition
stored in the status register) the communication
between the system microcontroller and L6362 is
based on a high speed 2 wires interface. The
L6362 has nine registers to manage the
programmable parameters and the status of the
IC. Monitored fault conditions are: Power On (L+
line), Overtemperature, C/Q overload, I/Q
overload, linear regulator under-voltage and parity
check. The fully integrated high precision
oscillator, requiring an external resistor, provides
internal clock as well as system clock Internal
LED driver blocks, in open drain configuration,
provide two programmable sequences to drive
two LEDs. The integrated, high efficiency low
power Step-down switching converter provides
power supply to the IC and external circuits.
QFN 26L
www.st.com


Similar Part No. - L6362

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
L6362A STMICROELECTRONICS-L6362A Datasheet
3Mb / 5P
IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
04-Jun-2018
L6362A STMICROELECTRONICS-L6362A Datasheet
273Kb / 4P
STM32 Nucleo pack for IO-Link device fully compatible with IO-Link v1.1 (PHY and stack)
Rev 3 - October 2018
More results

Similar Description - L6362

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3545 PHILIPS-UAA3545 Datasheet
116Kb / 28P
Fully integrated DECT transceiver
2001 Sep 06
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
FULLY INTEGRATED BALLAST CONTROL IC
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
FULLY INTEGRATED BALLAST CONTROL IC
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS_07 Datasheet
414Kb / 14P
Fully integrated GPS LNA IC
04-Apr-2007
logo
International Rectifier
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
logo
STMicroelectronics
SMA66-1 STMICROELECTRONICS-SMA66-1 Datasheet
404Kb / 14P
Fully integrated GPS LNA IC
27-Mar-2009
logo
International Rectifier
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
logo
Qorvo, Inc
DWM3000 QORVO-DWM3000 Datasheet
188Kb / 2P
Fully integrated UWB transceiver module
Rev. A, April 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com