Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBB9 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TBB9 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TBB9
Download  TBB9 Download
File Size   197.76 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Capacity 2.5Ah / 63Wh

TBB9 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBB9 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TBB9
Download  TBB9 Click to download

File Size   197.76 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Capacity 2.5Ah / 63Wh

TBB9 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TBB9 Product details

General Features
Battery type Lithium
Capacity 2.5Ah / 63Wh
Discharging voltage 25.2V DC
Charging voltage 30~36V DC
Max. output current 15A
Charging current 1A (charging cradle), 0.3A(Micro USB)
Color Black
Weight 490g (without charging cradle)
Ambient conditions during operation 0°C~+40°C at 10%~85% relative humidity
Storage temperature 0°C~+45 °C
Certificate IEC62133-2:2017
Thermal switch and overcurrent protection
LED indicator and buzzer for battery capacity status




Similar Part No. - TBB9

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
TBB DIT-TBB Datasheet
1Mb / 2P
EMI/EMC FILTER
logo
Automatic Timing & Cont...
TBB ATC-TBB Datasheet
350Kb / 1P
Interval DIP Switch TDR
logo
Major League Electronic...
TBB-01-375 MAJOR-LEAGUE-TBB-01-375 Datasheet
104Kb / 2P
.375cl Barrier Terminal Block Non-Interlock
logo
Adam Technologies, Inc.
TBB-03-01-M ADAM-TECH-TBB-03-01-M Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
TBB-03-02-M ADAM-TECH-TBB-03-02-M Datasheet
126Kb / 1P
BARRIER TERMINAL STRIPS
More results


Similar Description - TBB9

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0090.0001 SCHURTER-0090.0001 Datasheet
276Kb / 2P
Breaking capacity
609861 SCHURTER-609861 Datasheet
276Kb / 2P
Breaking capacity
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Extech Instruments Corp...
BT100 EXTECH-BT100_15 Datasheet
135Kb / 1P
Battery Capacity Tester
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
High surge capacity
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
High Surge Capacity
logo
TE Connectivity Ltd
41063 TEC-41063 Datasheet
431Kb / 2P
Switching capacity 4000VA
logo
CIT Relay & Switch
A17 CIT-A17 Datasheet
118Kb / 2P
Switching capacity up
logo
Toshiba Semiconductor
MG08 TOSHIBA-MG08 Datasheet
251Kb / 2P
ENTERPRISE CAPACITY HDD
Rev. 01: September, 2019
MG04ACAXXX TOSHIBA-MG04ACAXXX Datasheet
598Kb / 2P
ENTERPRISE CAPACITY HDD
Rev. 00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com