Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41063 Datasheet (PDF) - TE Connectivity Ltd

41063 Datasheet PDF - TE Connectivity Ltd
Part # 41063
Download  41063 Download
File Size   431.59 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Switching capacity 4000VA

41063 Datasheet (PDF)

Go To PDF Page Download Datasheet
41063 Datasheet PDF - TE Connectivity Ltd

Part # 41063
Download  41063 Click to download

File Size   431.59 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Switching capacity 4000VA

41063 Datasheet (HTML) - TE Connectivity Ltd




Similar Part No. - 41063

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41063 MACOM-41063 Datasheet
138Kb / 2P
Power Relay
41063 MACOM-41063 Datasheet
183Kb / 2P
Power Relay 410 63 125째C
logo
Philips Lighting N.V
41063430 PHILIPSLIGHTING-41063430 Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
logo
Tyco Electronics
41063 MACOM-41063_09 Datasheet
183Kb / 2P
Power Relay 410 63 125째C
More results


Similar Description - 41063

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
Switching capacity up to 10A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
Hongfa Technology
HFE7 HONGFA-HFE7_17 Datasheet
74Kb / 4P
High switching capacity
logo
CIT Relay & Switch
A17 CIT-A17 Datasheet
118Kb / 2P
Switching capacity up
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com