Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J114AF Datasheet (PDF) - CIT Relay & Switch

J114AF Datasheet PDF - CIT Relay & Switch
Part # J114AF
Download  J114AF Download
File Size   105.71 Kbytes
Page   3 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity 16A

J114AF Datasheet (PDF)

Go To PDF Page Download Datasheet
J114AF Datasheet PDF - CIT Relay & Switch

Part # J114AF
Download  J114AF Click to download

File Size   105.71 Kbytes
Page   3 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity 16A

J114AF Datasheet (HTML) - CIT Relay & Switch




Similar Part No. - J114AF

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J114AF1AHS12VDC CIT-J114AF1AHS12VDC Datasheet
172Kb / 2P
CIT SWITCH
J114AF1AHS18VDC CIT-J114AF1AHS18VDC Datasheet
172Kb / 2P
CIT SWITCH
J114AF1AHS24VDC CIT-J114AF1AHS24VDC Datasheet
172Kb / 2P
CIT SWITCH
J114AF1AHS3VDC CIT-J114AF1AHS3VDC Datasheet
172Kb / 2P
CIT SWITCH
J114AF1AHS48VDC CIT-J114AF1AHS48VDC Datasheet
172Kb / 2P
CIT SWITCH
More results


Similar Description - J114AF

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
JQX-141FF DBLECTRO-JQX-141FF Datasheet
678Kb / 3P
Relay covers switching capacity from 10A to 16A
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
Switching capacity up to 16A.
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
logo
TE Connectivity Ltd
41063 TEC-41063 Datasheet
431Kb / 2P
Switching capacity 4000VA
logo
CIT Relay & Switch
A17 CIT-A17 Datasheet
118Kb / 2P
Switching capacity up
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
logo
Ningbo Tianbo Ganglian ...
TRA1H TIANBO-TRA1H Datasheet
1Mb / 3P
16A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
16A switching capability
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com