Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT75-1 Datasheet (PDF) - DB Lectro Inc

NT75-1 Datasheet PDF - DB Lectro Inc
Part # NT75-1
Download  NT75-1 Download
File Size   238.7 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Low coil consumption. / Switching capacity up to 16A.

NT75-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT75-1 Datasheet PDF - DB Lectro Inc

Part # NT75-1
Download  NT75-1 Click to download

File Size   238.7 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Low coil consumption. / Switching capacity up to 16A.

NT75-1 Datasheet (HTML) - DB Lectro Inc


NT75-1 Product details

Features

■ Small size, light weight.

■ Low coil consumption.

■ Switching capacity up to 16A.

■ PC board mounting.

■ Suitable for household electrical appliance, automation system, electrical equipment, instrument, meter telecommunication facilities and remote control facilities.



 




Similar Part No. - NT75-1

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NT75-1A HUAXINAN-NT75-1A Datasheet
421Kb / 1P
Small size, light weight
NT75-1C HUAXINAN-NT75-1C Datasheet
421Kb / 1P
Small size, light weight
More results


Similar Description - NT75-1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
NG5N DBLECTRO-NG5N Datasheet
98Kb / 2P
Switching capacity up to 5A. / Low coil power consumption 0.2W.
NT75 DBLECTRO-NT75 Datasheet
479Kb / 2P
Switching capacity up to 16A.
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com