Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT75 Datasheet (PDF) - DB Lectro Inc

NT75 Datasheet PDF - DB Lectro Inc
Part # NT75
Download  NT75 Download
File Size   479.77 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 16A.

NT75 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT75 Datasheet PDF - DB Lectro Inc

Part # NT75
Download  NT75 Click to download

File Size   479.77 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 16A.

NT75 Datasheet (HTML) - DB Lectro Inc


NT75 Product details

Features
■ Small size, light weight.
■ Low coil consumption.
■ Switching capacity up to 16A.
■ PC board mounting.
■ Suitable for household electrical appliances, automation system, electrical equipment, instrument, meter telecommunication facilities and remote control facilities.




Similar Part No. - NT75

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NT75-1A HUAXINAN-NT75-1A Datasheet
421Kb / 1P
Small size, light weight
logo
DB Lectro Inc
NT75-1AS12DC12V0.253.5 DBLECTRO-NT75-1AS12DC12V0.253.5 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75-1AS12DC12V0.255.0 DBLECTRO-NT75-1AS12DC12V0.255.0 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NT75-1AS12DC12V0.413.5 DBLECTRO-NT75-1AS12DC12V0.413.5 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
More results


Similar Description - NT75

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
Super light in weight. / Switching capacity up to 16A.
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
Switching capacity up to 16A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com