Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSAM Datasheet (PDF) - DB Lectro Inc

NSAM Datasheet PDF - DB Lectro Inc
Part # NSAM
Download  NSAM Download
File Size   225.59 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 20A

NSAM Datasheet (PDF)

Go To PDF Page Download Datasheet
NSAM Datasheet PDF - DB Lectro Inc

Part # NSAM
Download  NSAM Click to download

File Size   225.59 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 20A

NSAM Datasheet (HTML) - DB Lectro Inc




Similar Part No. - NSAM

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
470Kb / 2P
Suitable for automobile accessories
logo
National Semiconductor ...
NSAM265SF NSC-NSAM265SF Datasheet
693Kb / 58P
CompactSPEECH Digital Speech Processors
NSAM265SFA NSC-NSAM265SFA Datasheet
693Kb / 58P
CompactSPEECH Digital Speech Processors
NSAM265SR NSC-NSAM265SR Datasheet
693Kb / 58P
CompactSPEECH Digital Speech Processors
NSAM265SRA NSC-NSAM265SRA Datasheet
693Kb / 58P
CompactSPEECH Digital Speech Processors
More results


Similar Description - NSAM

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
Switching capacity up to 20A Small size and light weight
CTA17 CIT-CTA17 Datasheet
159Kb / 2P
Switching capacity up to 20A
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
Switching capacity up to 20A
A15 CIT-A15 Datasheet
87Kb / 2P
Switching capacity up to 20A
J120D CIT-J120D Datasheet
133Kb / 2P
Switching capacity up to 20A
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com