Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTA17 Datasheet (PDF) - CIT Relay & Switch

CTA17 Datasheet PDF - CIT Relay & Switch
Part # CTA17
Download  CTA17 Download
File Size   159.12 Kbytes
Page   2 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity up to 20A

CTA17 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTA17 Datasheet PDF - CIT Relay & Switch

Part # CTA17
Download  CTA17 Click to download

File Size   159.12 Kbytes
Page   2 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description Switching capacity up to 20A

CTA17 Datasheet (HTML) - CIT Relay & Switch




Similar Part No. - CTA17

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CTA17 COTO-CTA17 Datasheet
634Kb / 2P
MAXIMUM RATINGS, RELAY ELECTRICAL SPECIFICATIONS
More results


Similar Description - CTA17

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
Switching capacity up to 20A Small size and light weight
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
Switching capacity up to 20A
A15 CIT-A15 Datasheet
87Kb / 2P
Switching capacity up to 20A
J120D CIT-J120D Datasheet
133Kb / 2P
Switching capacity up to 20A
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com