Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVF Datasheet (PDF) - DB Lectro Inc

NVF Datasheet PDF - DB Lectro Inc
Part # NVF
Download  NVF Download
File Size   180.11 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 20A

NVF Datasheet (PDF)

Go To PDF Page Download Datasheet
NVF Datasheet PDF - DB Lectro Inc

Part # NVF
Download  NVF Click to download

File Size   180.11 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 20A

NVF Datasheet (HTML) - DB Lectro Inc




Similar Part No. - NVF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVF2201N ONSEMI-NVF2201N Datasheet
103Kb / 4P
Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
NVF2201NT1G ONSEMI-NVF2201NT1G Datasheet
103Kb / 4P
Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
logo
DB Lectro Inc
NVF28 DBLECTRO-NVF28 Datasheet
342Kb / 2P
35A continous NO contact rating at 85 .
logo
HuaXinAn Electronics CO...
NVF28 HUAXINAN-NVF28 Datasheet
350Kb / 1P
Suitable for automobile fuel pump, A/C compressor clutch, horn and lighting system etc
NVF28A HUAXINAN-NVF28A Datasheet
350Kb / 1P
Suitable for automobile fuel pump, A/C compressor clutch, horn and lighting system etc.
More results


Similar Description - NVF

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
Switching capacity up to 20A Small size and light weight
CTA17 CIT-CTA17 Datasheet
159Kb / 2P
Switching capacity up to 20A
logo
DB Lectro Inc
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
CIT Relay & Switch
A1M CIT-A1M Datasheet
92Kb / 2P
Switching capacity up to 20A
A15 CIT-A15 Datasheet
87Kb / 2P
Switching capacity up to 20A
J120D CIT-J120D Datasheet
133Kb / 2P
Switching capacity up to 20A
J151 CIT-J151 Datasheet
290Kb / 4P
Switching capacity up to 20A; small size and light weight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com