Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVF28 Datasheet (PDF) - DB Lectro Inc

NVF28 Datasheet PDF - DB Lectro Inc
Part # NVF28
Download  NVF28 Download
File Size   342.32 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description 35A continous NO contact rating at 85 .

NVF28 Datasheet (PDF)

Go To PDF Page Download Datasheet
NVF28 Datasheet PDF - DB Lectro Inc

Part # NVF28
Download  NVF28 Click to download

File Size   342.32 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description 35A continous NO contact rating at 85 .

NVF28 Datasheet (HTML) - DB Lectro Inc




Similar Part No. - NVF28

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVF28 HUAXINAN-NVF28 Datasheet
350Kb / 1P
Suitable for automobile fuel pump, A/C compressor clutch, horn and lighting system etc
NVF28A HUAXINAN-NVF28A Datasheet
350Kb / 1P
Suitable for automobile fuel pump, A/C compressor clutch, horn and lighting system etc.
NVF28C HUAXINAN-NVF28C Datasheet
350Kb / 1P
Suitable for automobile fuel pump, A/C compressor clutch, horn and lighting system etc
More results


Similar Description - NVF28

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41126 MACOM-41126 Datasheet
54Kb / 1P
CONTINOUS STRIRON REELS
logo
Lite-On Technology Corp...
LTD-2601WC LITEON-LTD-2601WC Datasheet
138Kb / 5P
CONTINOUS UNIFORM SEGMENTS
logo
E-SWITCH
N411225 E-SWITCH-N411225 Datasheet
156Kb / 1P
CONTACT RATING: 25mA, 24VDC
logo
American Zettler, Inc.
AZ9731T AZETTLER-AZ9731T Datasheet
348Kb / 3P
50 Amp contact rating
logo
XP Power Limited
AEP XPPOWER-AEP Datasheet
148Kb / 3P
Continous Short Circuit Protection
logo
ZETTLER Electronics
AZ9731 ZETTLER-AZ9731 Datasheet
115Kb / 3P
40 Amp contact rating
logo
Mallory Sonalert Produc...
PK-26N04W-06VQ MSPI-PK-26N04W-06VQ Datasheet
93Kb / 1P
85 at 30cm at Rated Voltage
PT-2038FWQ MSPI-PT-2038FWQ Datasheet
93Kb / 1P
85 at 30cm at Rated voltage
PT-2040FPQ MSPI-PT-2040FPQ Datasheet
89Kb / 1P
85 at 30cm at Rated Voltage
PT-2065FWQ MSPI-PT-2065FWQ Datasheet
88Kb / 1P
85 at 30cm at Rated voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com