Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVF28 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVF28
Description  35A continous NO contact rating at 85 .
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF28 Datasheet(HTML) 2 Page - DB Lectro Inc

  NVF28 Datasheet HTML 1Page - DB Lectro Inc NVF28 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
NVF28
A
20
DC6V 1.3
R
1
2
3
4
5
6
1 Part number NVF28
2 Contact arrangement A:1A
C:1C
3 Contact Current NO:35A;NC:25A;
4 Coil rated voltage(V)
DC:6,12,24
5 Coil power consumption
0.9:0.9W
1.3:1.3W
6 Coil transient suppression
NIL
Standard; R:with resistance
D: with diode
Contact Data
Contact Arrangement
1A
SPSTNO
1C
SPDT(B-M)
Contact Material
AgSnO
2
Contact Rating
NO
35A/14VDC
NC
25A/14VDC
Max. Switching Power
560W
Max. Switching Voltage
75VDC
100m
1A 6VDC
250mV(10A) example:50mV
5
Operation
Electrical
1
10
Item 3.30 of IEC255-7
al
7
life
Mechanical
1 10
Item 3.31 of IEC255-7
Coil Parameter
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(60%of rated
voltage )
Release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
006-090
6
7.8
40
3.6
0.6
012-090
12
15.6
160
7.2
1.2
024-090
24
31.2
640
14.4
2.4
006-130
012-130
024-130
0.9
5
2
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Features
NVF28
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 500V
Item 6 of IEC255-5
50Hz 500V
Item 6 of IEC255-5
2
Shock resistance
200m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz double amplitude 1.27mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~125
Relative Humidity
85% (at 20
)
IEC68-2-3Test Ca
Mass
21g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
NOTES: 1) Dimensions are in millimeters.
2) Inch equivalents are given for general information only.
NVF28
mm /inch
Ningbo Huaguan Relay Corporation LTD.
35A continous NO contact rating at 85 .
2.8mm quick connect terminals .
Contact arrangement form A and C available.
Suitable for automobile fuel pump,A/C compressor clutch,horn and Lighting systems etc.
22.5
15
25.0
Dimensions
Mounting (Bottom view)
Wiring diagram
(Bottom view)
Max. Switching Current
NO:40A,NC:30A
1.3
6
12
24
7.8
15.6
31.2
27
109
436
3.6
7.2
14.4
0.6
1.2
2.4
2
40~70Hz 49m/s
70~100Hz double amplitude 0.5mm
2
100~500Hz 98m/s
8.1 0.2
16.2
0.2
30
85
87A 87
86
0.110
0.008
30
85
87A 87
86
30
85
87
86
1A
1C
0.031
0.002
0.886
0.020
0.591
0.020
0.638
0.008
0.319
0.008
Max. Continous Current
NO:35A,NC:25A
15
0.5
0.8 0.05
2.8 0.2
22.5
0.5
Item 3.12 of IEC255-7
Contact Resistance or Voltage drop
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com