Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG5N Datasheet (PDF) - DB Lectro Inc

NG5N Datasheet PDF - DB Lectro Inc
Part # NG5N
Download  NG5N Download
File Size   98.72 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 5A. / Low coil power consumption 0.2W.

NG5N Datasheet (PDF)

Go To PDF Page Download Datasheet
NG5N Datasheet PDF - DB Lectro Inc

Part # NG5N
Download  NG5N Click to download

File Size   98.72 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description Switching capacity up to 5A. / Low coil power consumption 0.2W.

NG5N Datasheet (HTML) - DB Lectro Inc





Similar Description - NG5N

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
Switching capacity up to 5A
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F Datasheet
291Kb / 2P
Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
NG6D DBLECTRO-NG6D Datasheet
73Kb / 2P
Low coil power consumption 0.2W. / PC board mounting.
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NG6D DBLECTRO-NG6D_05 Datasheet
289Kb / 2P
Low coil power consumption 0.2W
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com