Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG5N Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NG5N
Description  Switching capacity up to 5A. / Low coil power consumption 0.2W.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG5N Datasheet(HTML) 1 Page - DB Lectro Inc

  NG5N Datasheet HTML 1Page - DB Lectro Inc NG5N Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Switching capacity up to 5A.
Low coil power consumption 0.2W.
Suitable
for
household
electrical
appliance,
automation system,
electronic
equipment, instrument,
meter,
telecommunication facilities and remote control facilities.
Ordering Information
NG5N
A
DC12V
1
2
3
1 Part number:NG5N
2 Contact Arrangement:A:1A
3 Coil rated Voltage(V):DC:3,5,6,9,12,18,24
Contact Data
Contact Arrangement
1A
SPSTNO
Contact Material
Silver Alloy
Contact Rating (resistive)
5A/30VDC,250VAC
Max. Switching Power
150W
1250VA
min Switching load:10mA/5V
Max. Switching Voltage
30VDC 250VAC
Max. Switching Current:5A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
Coil Parameter
Coil voltage
VDC
Dash
Numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-200
3
3.9
45
2.25
0.3
005-200
5
6.5
125
3.75
0.5
006-200
6
7.8
180
4.50
0.6
009-200
9
11.7
405
6.75
0.9
012-200
12
15.6
720
9.00
1.2
018-200
18
23.4
1620
13.5
1.8
024-200
24
31.2
2880
18.0
2.4
0.2
10
4
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
41
NG 5N
20.5
×7.2×15.3
www.dblectro.com


Similar Description - NG5N

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
Switching capacity up to 5A
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F Datasheet
291Kb / 2P
Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
Switching capacity up to 25A
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
Low coil consumption. / Switching capacity up to 16A.
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
Switching capacity up to 20A
NG6D DBLECTRO-NG6D Datasheet
73Kb / 2P
Low coil power consumption 0.2W. / PC board mounting.
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
Switching capacity up to 15A
NG6D DBLECTRO-NG6D_05 Datasheet
289Kb / 2P
Low coil power consumption 0.2W
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com