Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NG5N Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NG5N
Description  Switching capacity up to 5A. / Low coil power consumption 0.2W.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NG5N Datasheet(HTML) 2 Page - DB Lectro Inc

  NG5N Datasheet HTML 1Page - DB Lectro Inc NG5N Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 750V
50Hz 4000V surge voltage:7kV
Item 6
of IEC255-5
Item 6 and 8
of IEC255-5
Shock resistance
Functional:100m/s
2 11ms Survival:1000m/s2 6ms
IEC68-2-27 Test Ea
Vibration resistance
10~50Hz Functional & Survival double amplitude 1.5mm
IEC68-2-6
Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-30~70
’
Relative Humidity
20%~85% (at 40
’)
IEC68-2-3Test Ca
Mass
4g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NG5N
Dimensions
Wiring diagram
(Bottom views)
Mounting (Bottom views)
mm
>àçÇá
0.27
0.011
0.52
0.020
0.8
0.031
1.05
0.041
1.1
0.043
1.2
0.047
3.4
0.134
4.7
0.185
7
0.275
7.2
0.283
11.5
0.453
15.3
0.602
20.5
0.807
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com