Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFE7 Datasheet (PDF) - Hongfa Technology

HFE7 Datasheet PDF - Hongfa Technology
Part # HFE7_17
Download  HFE7 Download
File Size   74.28 Kbytes
Page   4 Pages
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology
Description High switching capacity

HFE7 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFE7 Datasheet PDF - Hongfa Technology

Part # HFE7_17
Download  HFE7 Click to download

File Size   74.28 Kbytes
Page   4 Pages
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology
Description High switching capacity

HFE7 Datasheet (HTML) - Hongfa Technology




Similar Part No. - HFE7_17

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE7/12-1DSTG-L1R HONGFA-HFE7/12-1DSTG-L1R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE7/12-1DSTG-L2R HONGFA-HFE7/12-1DSTG-L2R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE7/12-1HDSTG-L1R HONGFA-HFE7/12-1HDSTG-L1R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE7/12-1HDSTG-L2R HONGFA-HFE7/12-1HDSTG-L2R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
HFE7/12-1HSTG-L1R HONGFA-HFE7/12-1HSTG-L1R Datasheet
71Kb / 4P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Similar Description - HFE7_17

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
Switching capacity up to 25A
logo
Panasonic Semiconductor
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
High switching capacity 1a/1c 30A power relays
logo
TE Connectivity Ltd
41063 TEC-41063 Datasheet
431Kb / 2P
Switching capacity 4000VA
logo
CIT Relay & Switch
A17 CIT-A17 Datasheet
118Kb / 2P
Switching capacity up
J114AF CIT-J114AF Datasheet
105Kb / 3P
Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
Switching capacity 16A
logo
Omron Electronics LLC
A8M OMRON-A8M Datasheet
268Kb / 3P
Miniature Rocker Switch for High Capacity Switching
A8N OMRON-A8N Datasheet
281Kb / 3P
Dual-Pushbutton Switch for High Capacity Switching
A8W OMRON-A8W Datasheet
305Kb / 3P
Panel Seal Rocker Switch for High Capacity Switching
More results




About Hongfa Technology


Hongfa Technology is a Chinese manufacturer of electrical components and equipment, including relays, switches, and sensors. The company was founded in 1984 and is headquartered in Xiamen, China.

Hongfa Technology's products are used in a wide range of industries, including automotive, telecommunications, home appliances, and industrial automation. The company's product portfolio includes a variety of relays, such as electromagnetic relays, solid-state relays, and automotive relays, as well as switches and sensors.

Hongfa Technology is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Hongfa Technology is recognized as a leading manufacturer of electrical components in China, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electrical components industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com