Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP3 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TIP3 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TIP3
Download  TIP3 Download
File Size   283.24 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Input voltage 90~305V AC

TIP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP3 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TIP3
Download  TIP3 Click to download

File Size   283.24 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Input voltage 90~305V AC

TIP3 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TIP3 Product details

General Features
Transformer type SMPS
Input voltage 90~305V AC
Max. output 54V DC, 8.9A
Plug support EU, USA, AUS, UK, JPN
IP rating IP67
Certificate UL, KC, ENEC, PSE, CCC, CB, EMC, CE
and UK Declaration
Operational temperature range +5°C~+45°C




Similar Part No. - TIP3

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP30 MOSPEC-TIP30 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP30 POINN-TIP30 Datasheet
85Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP30 FAIRCHILD-TIP30 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP30 MICRO-ELECTRONICS-TIP30 Datasheet
56Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL-BASE POWER TRANSISTORS
logo
List of Unclassifed Man...
TIP30 ETC2-TIP30 Datasheet
335Kb / 6P
High Power Bipolar Transistor
More results


Similar Description - TIP3

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0045951 LINKCOM-PLCCE0045951 Datasheet
180Kb / 2P
AC Input 90-305Vac
PLCVE0060125 LINKCOM-PLCVE0060125 Datasheet
214Kb / 2P
AC Input 90-305Vac
PLKBPCE030C112 LINKCOM-PLKBPCE030C112 Datasheet
129Kb / 2P
AC Input 90-264Vac
PLKBPCE030C142 LINKCOM-PLKBPCE030C142 Datasheet
100Kb / 2P
AC Input 90-264Vac
logo
List of Unclassifed Man...
TC-700PL ETC2-TC-700PL Datasheet
177Kb / 4P
AC Input Voltage: 90~264V
TC-800PL ETC2-TC-800PL Datasheet
178Kb / 4P
AC Input Voltage: 90~264V
TC-900PL ETC2-TC-900PL Datasheet
187Kb / 4P
AC Input Voltage: 90~264V
TC-1000PL ETC2-TC-1000PL Datasheet
187Kb / 4P
AC Input Voltage: 90~264V
logo
TiMOTION Technology Co....
TIP1 TIMOTION-TIP1 Datasheet
228Kb / 4P
120W AC to DC power supply with a constant output voltage design
20220322-B
TIP2 TIMOTION-TIP2 Datasheet
237Kb / 4P
Input voltage 90~305V AC
20220322-B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com