Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP1 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TIP1 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TIP1
Download  TIP1 Download
File Size   228.78 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description 120W AC to DC power supply with a constant output voltage design

TIP1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP1 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TIP1
Download  TIP1 Click to download

File Size   228.78 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description 120W AC to DC power supply with a constant output voltage design

TIP1 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TIP1 Product details

General Features
Transformer type SMPS
Input voltage 90~305V AC
Max. output 54V DC, 2.3A
Plug support EU, USA, AUS, UK, JPN
IP rating IP67
Certificate BIS, UL8750, TUV, PSE, CCC, ENEC, CB,
EMC, CE, UK Declaration
Operational temperature range +5°C~+45°C




Similar Part No. - TIP1

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100 Datasheet
51Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results


Similar Description - TIP1

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MVAB120-12-01 MURATA-PS-MVAB120-12-01 Datasheet
429Kb / 7P
120W 2 x 4 AC-DC Power Supply Converter
MVAB120-24-01 MURATA-PS-MVAB120-24-01 Datasheet
429Kb / 7P
120W 2 x 4 AC-DC Power Supply Converter
MVAB120-28-01 MURATA-PS-MVAB120-28-01 Datasheet
429Kb / 7P
120W 2 x 4 AC-DC Power Supply Converter
MVAB120-48 MURATA-PS-MVAB120-48 Datasheet
429Kb / 7P
120W 2 x 4 AC-DC Power Supply Converter
logo
Toppower Electronic Tec...
TPRNDR-U120-XS TOPPOWER-TPRNDR-U120-XS Datasheet
1Mb / 6P
120W AC-DC DIN RAIL Power Supply
TPRSDR-120-XS TOPPOWER-TPRSDR-120-XS Datasheet
1Mb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-XS TOPPOWER-TPR-120-XS Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-U120-XS TOPPOWER-TPR-U120-XS Datasheet
840Kb / 6P
120W AC-DC DIN RAIL Power Supply
logo
ETA-USA
WRD-FWX-F-W ETA-USA-WRD-FWX-F-W Datasheet
1Mb / 3P
120W AC/DC Dual Output
logo
MORNSUN Science& Techno...
LIF120 MORNSUN-LIF120 Datasheet
2Mb / 5P
AC/DC 120W DIN-Rail Power Supply
2022.08.04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com