Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP1 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TIP1
Description  120W AC to DC power supply with a constant output voltage design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TIP1 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TIP1 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TIP1 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TIP1 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TIP1 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TIP1 Ordering Key
TIP1
Version: 20220322-B
AC Cable Length (mm)
1 = 300
2 = 1000
3 = 2000
1 = 300
2 = 1000
3 = 2000
7 = IP67
Connector (AC)
P1 DC Cable Length (mm)
IP Rating
2 = Tinned Lead
3 = EU
4 = USA
5 = AUS
6 = UK
7 = JPN
Connector (P1 DC)
2 = Tinned Lead



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com