Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP1 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TIP1
Description  120W AC to DC power supply with a constant output voltage design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TIP1 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TIP1 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TIP1 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TIP1 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TIP1 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TiMOTION TIP series-TIP1 is a 120W AC to DC power supply with a constant
output voltage design. The TIP1 can work under the input voltage between 90
to 305V AC and provides the 30V DC output voltage.
Its conversion efficiency rate is up to 93.5%. Therefore, it will not generate too
much heat and can work in ventilated conditions. With a fanless design, TIP1
can also reduce noise. Its operational temperature is around -40˚C to +85˚C.
TIP1 has a metal appearance and provides IP67 protection suitable for either
outdoor or indoor applications.
Product Segments
• Industrial Motion
TIP1
series
General Features
Transformer type
SMPS
Input voltage
90~305V AC
Max. output
54V DC, 2.3A
Plug support
EU, USA, AUS, UK, JPN
IP rating
IP67
Certificate
BIS, UL8750, TUV, PSE, CCC, ENEC, CB,
EMC, CE, UK Declaration
Operational temperature range
+5°C~+45°C


Similar Part No. - TIP1

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
TIP100 FAIRCHILD-TIP100 Datasheet
51Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results

Similar Description - TIP1

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MVAB120-12-01 MURATA-PS-MVAB120-12-01 Datasheet
429Kb / 7P
120W 2 x 4 AC-DC Power Supply Converter
MVAB120-24-01 MURATA-PS-MVAB120-24-01 Datasheet
429Kb / 7P
120W 2 x 4 AC-DC Power Supply Converter
MVAB120-28-01 MURATA-PS-MVAB120-28-01 Datasheet
429Kb / 7P
120W 2 x 4 AC-DC Power Supply Converter
MVAB120-48 MURATA-PS-MVAB120-48 Datasheet
429Kb / 7P
120W 2 x 4 AC-DC Power Supply Converter
logo
Toppower Electronic Tec...
TPRNDR-U120-XS TOPPOWER-TPRNDR-U120-XS Datasheet
1Mb / 6P
120W AC-DC DIN RAIL Power Supply
TPRSDR-120-XS TOPPOWER-TPRSDR-120-XS Datasheet
1Mb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-XS TOPPOWER-TPR-120-XS Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-U120-XS TOPPOWER-TPR-U120-XS Datasheet
840Kb / 6P
120W AC-DC DIN RAIL Power Supply
logo
ETA-USA
WRD-FWX-F-W ETA-USA-WRD-FWX-F-W Datasheet
1Mb / 3P
120W AC/DC Dual Output
logo
MORNSUN Science& Techno...
LIF120 MORNSUN-LIF120 Datasheet
2Mb / 5P
AC/DC 120W DIN-Rail Power Supply
2022.08.04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com