Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2N Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TP2N Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TP2N
Download  TP2N Download
File Size   246.28 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Input voltage 100~240V AC

TP2N Datasheet (PDF)

Go To PDF Page Download Datasheet
TP2N Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TP2N
Download  TP2N Click to download

File Size   246.28 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Input voltage 100~240V AC

TP2N Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TP2N Product details

General Features
Transformer type SMPS
Input voltage 100~240V AC
Max. output 29V DC, 6.25A
Plug support EU, USA, AUS, UK, JPN
Color Black
With backup battery-NiMH (24V/0.25Ah)




Similar Part No. - TP2N

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP2N7002ET1G TECHPUBLIC-TP2N7002ET1G Datasheet
1,021Kb / 3P
60V N-Channel Mosfet
TP2N7002KT1G TECHPUBLIC-TP2N7002KT1G Datasheet
1,023Kb / 3P
60V N-Channel Mosfet
More results


Similar Description - TP2N

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
AC Input 100-277Vac
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
Input voltage 100-240V AC
20231016-K
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
Input voltage 100~240V AC
20230919-J
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
Input voltage 100~240V AC
20231219-E
TP2S TIMOTION-TP2S Datasheet
179Kb / 3P
Input voltage 100~240V AC
20211013-B
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
Input voltage 100~240V AC
20220209-F
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
Input voltage 100~240V AC
20200603-D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com