Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2S Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TP2S Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TP2S
Download  TP2S Download
File Size   179.74 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Input voltage 100~240V AC

TP2S Datasheet (PDF)

Go To PDF Page Download Datasheet
TP2S Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TP2S
Download  TP2S Click to download

File Size   179.74 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Input voltage 100~240V AC

TP2S Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TP2S Product details

General Features
Transformer type SMPS
Input voltage 100~240V AC
Max. output 29V DC, 6A
Plug support EU, USA, AUS, UK, JPN
Color Black
Operational temperature range +5°C~+45°C




Similar Part No. - TP2S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
TP2S0503 TOPPOWER-TP2S0503 Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
TP2S0505 TOPPOWER-TP2S0505 Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
TP2S0512 TOPPOWER-TP2S0512 Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
TP2S0515 TOPPOWER-TP2S0515 Datasheet
631Kb / 3P
3W 1KVDC Isolated Single Output DC/DC Converters
More results


Similar Description - TP2S

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCE0017142 LINKCOM-PLCCE0017142 Datasheet
270Kb / 2P
AC Input 100-277Vac
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
logo
TiMOTION Technology Co....
TC21 TIMOTION-TC21 Datasheet
215Kb / 3P
Input voltage 100-240V AC
20231016-K
TP11 TIMOTION-TP11 Datasheet
508Kb / 5P
Input voltage 100~240V AC
20220209-D
TP2 TIMOTION-TP2 Datasheet
382Kb / 3P
Input voltage 100~240V AC
20230919-J
TP2N TIMOTION-TP2N Datasheet
246Kb / 3P
Input voltage 100~240V AC
20170607-A
TP2P TIMOTION-TP2P Datasheet
261Kb / 3P
Input voltage 100~240V AC
20231219-E
TP5P TIMOTION-TP5P Datasheet
313Kb / 3P
Input voltage 100~240V AC
20220209-F
TP7 TIMOTION-TP7 Datasheet
461Kb / 5P
Input voltage 100~240V AC
20160623-E
TP7M TIMOTION-TP7M Datasheet
414Kb / 5P
Input voltage 100~240V AC
20200603-D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com