Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2S Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TP2S
Description  Input voltage 100~240V AC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TP2S Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TP2S Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TP2S Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TP2S Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
TP2S Ordering Key
TP2S
Version: 20211013-B
Cable Length and
Connector (mm)
4 = AC cable: straight 1500; DC cable: straight 200, DIN 5P Female
5 = AC cable: straight 1500; DC cable: straight 200, 01P Female
Plug
Color
IP Rating
1 = EU
2 = USA
3 = AUS
4 = UK
5 = JPN
1 = Black
2 = Pantone 428C
0 = Without
Output Voltage Current
1 = 29V, 2.5A
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com