Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83CL882 Datasheet (PDF) - NXP Semiconductors

P83CL882 Datasheet PDF - NXP Semiconductors
Part # P83CL882
Download  P83CL882 Download
File Size   328.34 Kbytes
Page   88 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 Ultra Low Power ULP telephony controller

P83CL882 Datasheet (PDF)

Go To PDF Page Download Datasheet
P83CL882 Datasheet PDF - NXP Semiconductors

Part # P83CL882
Download  P83CL882 Click to download

File Size   328.34 Kbytes
Page   88 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 Ultra Low Power ULP telephony controller

P83CL882 Datasheet (HTML) - NXP Semiconductors


P83CL882 Product details

GENERAL DESCRIPTION
The P83CL882 is manufactured in an advanced CMOS technology. The P83CL882 is a member of the VTELX family of low-power, low-voltage 80CL51 microcontrollers with advanced features for telecom applications. The Philips exclusive, asynchronous handshaking technology has been used for the CPU implementation which makes the CPU to run at its ma

FEATURES
• Full static asynchronous handshake 80C51 CPU; enhanced 8-bit architecture with:
   – Standard 80C51 instruction set
   – CPU speed independent of clock frequency, average speed: 4.8 Mips at 3.0 V
   – Non-page oriented instructions
   – Direct addressing
   – Four 8-byte RAM register banks
   – Stack depth limited only by available internal RAM (maximum 128 bytes)
   – Multiply, divide, subtract and compare instructions.
• 17 source, 17 vector interrupt structure with two priority levels, polarity and sensitivity choice
• 24 general purpose I/O pins
• Timer 0 and 1: two standard 16-bit timer/event counters
• Timer 2: 16-bit timer/event counter with capture, compare and auto-reload function
• Watchdog Timer
• Wake-up counter
• Idle and Power-down modes
• 4-kbyte ROM: mask programmed read only memory
• Supply voltage: 1.8 to 3.6 V
• 128 bytes RAM
• Internal crystal oscillator
• Reset I/O pin for external reset from master or to slave
• MSK modem including Manchester encoder/decoder with 2 digital outputs (by SW) for analog cordless telephones (standards CT0/CT1/CT1+)
• I2C-bus master/slave (transmitter/receiver, maximum frequency 400 kHz).




Similar Part No. - P83CL882

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL410 PHILIPS-P83CL410 Datasheet
266Kb / 60P
Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFD PHILIPS-P83CL410HFD Datasheet
289Kb / 28P
Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
266Kb / 60P
Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
289Kb / 28P
Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFN PHILIPS-P83CL410HFN Datasheet
289Kb / 28P
Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results


Similar Description - P83CL882

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC32 BURR-BROWN-TLV320DAC32 Datasheet
817Kb / 65P
LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Murata Power Solutions ...
SP1490 MURATA-PS-SP1490 Datasheet
67Kb / 1P
Telephony / CATV Uninterruptible Power Supply
logo
Cirrus Logic
CS42L73 CIRRUS-CS42L73 Datasheet
205Kb / 7P
Ultra Low Power Mobile Audio and Telephony CODEC
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com