Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L73 Datasheet (PDF) - Cirrus Logic

CS42L73 Datasheet PDF - Cirrus Logic
Part # CS42L73
Download  CS42L73 Download
File Size   205.48 Kbytes
Page   7 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Ultra Low Power Mobile Audio and Telephony CODEC

CS42L73 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42L73 Datasheet PDF - Cirrus Logic

Part # CS42L73
Download  CS42L73 Click to download

File Size   205.48 Kbytes
Page   7 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Ultra Low Power Mobile Audio and Telephony CODEC

CS42L73 Datasheet (HTML) - Cirrus Logic


CS42L73 Product details

General Description
The CS42L73 is a highly integrated, low-power, audio and telephony CODEC for portable applications such as smartphones and ultra mobile personal computers.

Product Overview
For the full datasheet, visit
www.cirrus.com/codec-datasheets/CS42L73-17
♦ Stereo ADC
♦ Dual Analog or Digital MIC Support
♦ Dual MIC Bias Generators
♦ Four DACs Coupled to Five Outputs
    – Ground-Centered Stereo Headphone Amp.
    – Ground-Centered Stereo Line Output
    – Mono Ear Speaker Amplifier
    – Mono 1 W Speakerphone Amplifier
    – Mono Speakerphone Line Output for Stereo Speakerphone Expansion
♦ Three Serial Ports with Asynchronous Sample Rate Converters
♦ Digital Audio Mixing and Routing

System Features
♦ Native (no PLL required) Support for 6/12/24 MHz, 13/26 MHz, and 19.2/38.4 MHz Master Clock Rates in Add. to Typ. Audio Clock Rates
♦ Integrated High-efficiency Power Management Reduces Power Consumption
    – Internal LDO Regulator to Reduce Internal Digital Operating Voltage to VL/2
    – Step-down Charge Pump Provides Low Headphone/Line Out Supply Voltage
    – Inverting Charge Pump Accommodates Low System Voltage by Providing Negative Rail for HP and Line Amp
♦ Flexible Speakerphone Amplifier Powering
    – 3.00 V to 5.25 V Range
    – Independent Cycling
♦ Power Down Management
    – Individual Controls for ADCs, Dig. MIC Interface, MIC Bias Generators, Serial Ports, and Output Amplifiers & Associated DACs
♦ Programmable Thermal Overload Notification
♦ High-speed I²C™ Control Port (400 kHz)

Applications
♦ Smart Phones, UMPCs, and MIDs




Similar Part No. - CS42L73

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L42 CIRRUS-CS42L42 Datasheet
3Mb / 184P
Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CNZ CIRRUS-CS42L42-CNZ Datasheet
3Mb / 184P
Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CNZR CIRRUS-CS42L42-CNZR Datasheet
3Mb / 184P
Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L42-CWZR CIRRUS-CS42L42-CWZR Datasheet
3Mb / 184P
Low-Power Audio Codec with SoundWire짰?밒2S/TDM and Audio Processing
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
More results


Similar Description - CS42L73

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104 TI-TLV320AIC3104_15 Datasheet
1Mb / 95P
TLV320AIC3104 Low-Power Stereo Audio Codec for Portable Audio and Telephony
TLV320AIC3105 TI-TLV320AIC3105_15 Datasheet
1Mb / 103P
TLV320AIC3105 Low-Power Stereo Audio Codec for Portable Audio and Telephony
TLV320AIC3104 TI1-TLV320AIC3104_17 Datasheet
1Mb / 97P
Low-Power Stereo Audio Codec for Portable Audio and Telephony
logo
Realtek Semiconductor C...
ALC5616 REALTEK-ALC5616 Datasheet
1Mb / 104P
Ultra-Low Power Audio CODEC for Mobile Devices
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com