Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42L50 Datasheet (PDF) - Cirrus Logic

CS42L50 Datasheet PDF - Cirrus Logic
Part # CS42L50
Download  CS42L50 Download
File Size   1416.69 Kbytes
Page   48 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Voltage, Stereo CODEC with headphone Amp

CS42L50 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42L50 Datasheet PDF - Cirrus Logic

Part # CS42L50
Download  CS42L50 Click to download

File Size   1416.69 Kbytes
Page   48 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Voltage, Stereo CODEC with headphone Amp

CS42L50 Datasheet (HTML) - Cirrus Logic


CS42L50 Product details

Description

The CS42L50 is a highly integrated, 24-bit, 96 kHz audio codec.

This device is based on delta-sigma modulation allowing infinite adjustment of the sample rate between 8 kHz and 100 kHz simply by changing the master clock frequency.

The CS42L50 contains a 2:1 stereo mux, programmable analog gain control, and digital attenuation on the analog inputs. The output D/A converters include digital bass and treble boost, dynamic range compression, limiting, mixing, volume control and de-emphasis.

The CS42L50 operates from a +1.8 V to +3.3 V supply.

These features are ideal for portable MP3 and MD recorders, CD and DVD recorders, digital camcorders, and other portable systems that require extremely low power consumption in a minimal amount of space.



Features

● 28-Pin CASON package

● 1.8 to 3.3 Volt supply

● 24-Bit conversion / 96 kHz sample rate

● 96 dB ADC/DAC dynamic range at 3 V supply

● -88/-85 dB ADC/DAC THD+N

● 19 mW playback power consumption @ 1.8 V

● Microphone or Line input amplifier with up to 32dB of gain

● 2:1 stereo mux

● Digital volume control on inputs and outputs

   – 96 dB attenuation, 1 dB step size

● Digital bass and treble boost on outputs

   – Selectable corner frequencies

● Dynamic range compression and limiting

● De-emphasis for 32 kHz, 44.1 kHz, and 48 kHz

● Headphone amplifier

   – 26 mW power output into 16 W load @ 3.0V supply

   – -80 dB THD+N

   – 34 dB analog attenuation and mute

● ATAPI mixing functions



 




Similar Part No. - CS42L50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZR CIRRUS-CS42L51-CNZR Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
More results


Similar Description - CS42L50

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com