Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet (PDF) - Cirrus Logic

CS43L42 Datasheet PDF - Cirrus Logic
Part # CS43L42
Download  CS43L42 Download
File Size   1079.79 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Voltage,Stereo DAC With Headphone Amp

CS43L42 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS43L42 Datasheet PDF - Cirrus Logic

Part # CS43L42
Download  CS43L42 Click to download

File Size   1079.79 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Voltage,Stereo DAC With Headphone Amp

CS43L42 Datasheet (HTML) - Cirrus Logic


CS43L42 Product details

Description
The CS43L42 is a complete stereo digital-to-analog output system including interpolation, 1-bit D/A conversion, analog filtering, volume control, line level outputs, and a headphone amplifier, in a 24-pin TSSOP package.

Features
❐ 1.8 to 3.3 Volt supply
❐ 24-Bit conversion / 96 kHz sample rate
❐ 96 dB dynamic range at 3 V supply
❐ -85 dB THD+N
❐ Low power consumption
❐ Digital volume control
    • 96 dB attenuation, 1 dB step size
❐ Digital bass and treble boost
    • Selectable corner frequencies
    • Up to 12 dB boost in 1 dB increments
❐ Peak signal limiting to prevent clipping
❐ De-emphasis for 32 kHz, 44.1 kHz, and 48 kHz
❐ Headphone amplifier
    • up to 25 mWrms power output into 16 Ω load*
    • 25 dB analog attenuation and mute
    • Zero crossing click free level transitions
❐ ATAPI mixing functions
❐ 24-Pin TSSOP package
    * 1 kHz sine wave at 3.3V supply




Similar Part No. - CS43L42

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L41 CIRRUS-CS43L41 Datasheet
622Kb / 36P
Low Power 24-Bit, 96 kHz DAC with Volume Control?
CS43L41-KZ CIRRUS-CS43L41-KZ Datasheet
622Kb / 36P
Low Power 24-Bit, 96 kHz DAC with Volume Control?
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43-KZ CIRRUS-CS43L43-KZ Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43-KZZ CIRRUS-CS43L43-KZZ Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
More results


Similar Description - CS43L42

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
Low Voltage, Stereo CODEC with headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5628 REALTEK-ALC5628 Datasheet
802Kb / 45P
I2S/PCM STEREO DAC WITH HEADPHONE
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com