Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 5 Page - Cirrus Logic

  CS43L42 Datasheet HTML 1Page - Cirrus Logic CS43L42 Datasheet HTML 2Page - Cirrus Logic CS43L42 Datasheet HTML 3Page - Cirrus Logic CS43L42 Datasheet HTML 4Page - Cirrus Logic CS43L42 Datasheet HTML 5Page - Cirrus Logic CS43L42 Datasheet HTML 6Page - Cirrus Logic CS43L42 Datasheet HTML 7Page - Cirrus Logic CS43L42 Datasheet HTML 8Page - Cirrus Logic CS43L42 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
CS43L42
DS481PP2
5
1. CHARACTERISTICS/SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25° C; Logic "1" = VL = 1.8 V; Logic "0" = GND = 0 V;
Full-Scale Output Sine Wave, 997 Hz; MCLK = 12.288 MHz; Measurement Bandwidth 10 Hz to 20 kHz, unless oth-
erwise specified; Fs for Base-rate Mode = 48 kHz, SCLK = 3.072 MHz. Fs for High-Rate Mode = 96 kHz,
SCLK = 6.144 MHz. Test load RL =10kΩ, CL = 10 pF (see Figure 17) for line out, RL =16 Ω, CL = 10 pF (see Fig-
ure 18) for headphone out).
Notes: 1. One-half LSB of triangular PDF dither is added to data.
Parameter
Base-rate Mode
High-Rate Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Line Output Dynamic Performance for VA = VA_LINE = 1.8 V
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
TBD
TBD
-
-
91
94
89
92
-
-
-
-
TBD
TBD
-
-
89
92
87
90
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-80
-71
-31
-78
-69
-29
TBD
-
-
-
-
-
-
-
-
-
-
-
-80
-69
-29
-78
-67
-27
TBD
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
100
-
-
100
-
dB
Headphone Output Dynamic Performance for VA = VA_HP = 1.8 V
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
TBD
TBD
-
-
88
91
86
89
-
-
-
-
TBD
TBD
-
-
88
91
86
89
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-82
-68
-28
-80
-66
-26
TBD
-
-
-
-
-
-
-
-
-
-
-
-85
-68
-28
-83
-66
-26
TBD
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
66
-
-
66
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com