Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 17Page - Cirrus Logic CS43L42 Datasheet HTML 18Page - Cirrus Logic CS43L42 Datasheet HTML 19Page - Cirrus Logic CS43L42 Datasheet HTML 20Page - Cirrus Logic CS43L42 Datasheet HTML 21Page - Cirrus Logic CS43L42 Datasheet HTML 22Page - Cirrus Logic CS43L42 Datasheet HTML 23Page - Cirrus Logic CS43L42 Datasheet HTML 24Page - Cirrus Logic CS43L42 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CS43L42
DS481PP2
21
4.7.4 DE-EMPHASIS CONTROL (DEM)
Default = 00
00 - Disabled
01 - 44.1 kHz
10 - 48 kHz
11 - 32 kHz
Function:
Selects the appropriate digital filter to maintain the standard 15
µs/50 µs digital de-emphasis filter re-
sponse at 32, 44.1 or 48 kHz sample rates. (see Figure 30)
Note:
De-emphasis is not available in High-Rate Mode.
4.7.5 DIGITAL VOLUME CONTROL BYPASS (VCBYP)
Default = 0
0 - Disabled
1 - Enabled
Function:
The digital volume control section is bypassed when this function is enabled. This disables the digital vol-
ume control, muting, bass boost, treble boost, limiting and ATAPI functions. The analog headphone at-
tenuation control will remain functional.
4.8 Limiter Attack Rate (address 08h) (ARATE)
Default = 10h - 2 LRCK’s per 1/8 dB
Function:
The limiter attack rate is user selectable. The rate is a function of sampling frequency, Fs, and the value
in the Limiter Attack Rate register. Rates are calculated using the function RATE = 32/{value}, where
{value} is the decimal value in the Limiter Attack Rate register and RATE is in LRCK’s per 1/8 dB of
change.
Note:
A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter.
Use the LIM_EN bit to disable the limiter function (see Peak Signal Limiter Enable (LIM_EN)).
7
654
32
10
ARATE7
ARATE6
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0
0
001
00
00
Binary Code
Decimal Value
LRCK’s per 1/8 dB
00000001
1
32
00010100
20
1.6
00101000
40
0.8
00111100
60
0.53
01011010
90
0.356
Table 5. Example Limiter Attack Rate Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com