Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 31Page - Cirrus Logic CS43L42 Datasheet HTML 32Page - Cirrus Logic CS43L42 Datasheet HTML 33Page - Cirrus Logic CS43L42 Datasheet HTML 34Page - Cirrus Logic CS43L42 Datasheet HTML 35Page - Cirrus Logic CS43L42 Datasheet HTML 36Page - Cirrus Logic CS43L42 Datasheet HTML 37Page - Cirrus Logic CS43L42 Datasheet HTML 38Page - Cirrus Logic CS43L42 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
CS43L42
DS481PP2
35
Figure 22. CS43L42 Control Port Mode - Serial Audio Format 3
LRCK
SCLK
L e ft C h a n n e l
SDATA
65
4321
0
7
23 22 21 20 19 18
65
432
1
0
7
23 22 21 20 19 18
3 2 c lo cks
0
R igh t C h a n ne l
Internal SCLK Mode
External SCLK Mode
Right Justified, 24-Bit Data
INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128
INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 24-Bit Data
Data Valid on Rising Edge of SCLK
SCLK Must Have at Least 48 Cycles per LRCK Period
Figure 23. CS43L42 Control Port Mode - Serial Audio Format 4
L RCK
SCL K
Le ft C h an n e l
R ig h t C h ann el
SD A T A
654
3210
987
15 14 13 12 11 10
10
6543
210
987
15 14 13 12 11 10
17 16
17 16
32 clocks
19 18
19 18
Internal SCLK Mode
External SCLK Mode
Right Justified, 20-Bit Data
INT SCLK = 64 Fs if MCLK/LRCK = 512, 256 or 128
INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 20-Bit Data
Data Valid on Rising Edge of SCLK
SCLK Must Have at Least 40 Cycles per LRCK Period
Figure 24. CS43L42 Control Port Mode - Serial Audio Format 5
LRCK
SCLK
L e ft C h a n n e l
R igh t C h a n ne l
SDATA
65
4321
0
987
15 14 13 12 11 10
65
432
1
0
98
7
15 14 13 12 11 10
32 c lo cks
Internal SCLK Mode
External SCLK Mode
Right Justified, 16-Bit Data
INT SCLK = 32 Fs if MCLK/LRCK = 512, 256 or 128
INT SCLK = 48 Fs if MCLK/LRCK = 384 or 192
Right Justified, 16-Bit Data
Data Valid on Rising Edge of SCLK
SCLK Must Have at Least 32 Cycles per LRCK Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com