Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 20Page - Cirrus Logic CS43L42 Datasheet HTML 21Page - Cirrus Logic CS43L42 Datasheet HTML 22Page - Cirrus Logic CS43L42 Datasheet HTML 23Page - Cirrus Logic CS43L42 Datasheet HTML 24Page - Cirrus Logic CS43L42 Datasheet HTML 25Page - Cirrus Logic CS43L42 Datasheet HTML 26Page - Cirrus Logic CS43L42 Datasheet HTML 27Page - Cirrus Logic CS43L42 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
CS43L42
24
DS481PP2
4.11 Mode Control 2 (address 0Bh)
4.11.1 MASTER CLOCK DIVIDE ENABLE (MCLKDIV)
Default = 0
0 - Disabled
1 - Enabled
Function:
The MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2 prior to all other
internal circuitry.
Note:
Internal SCLK is not available when this function is enabled.
4.11.2 LINE AMPLIFIER GAIN COMPENSATION (LINE)
Default = 00
00 - 0.785 x VA
01 - 0.943 x VA
10 - 1.571 x VA
11 - Line Mute
Function:
The Line Amplifier Gain Compensation bits allow the user to scale the full-scale line output level according
to the power supply voltage used. The full-scale line output level will be equal to {gain factor}xVA, where
{gain factor} is selected from options above. For example, if the user wants the full-scale line output volt-
age to be 1 VRMS (2.8 VPP) with VA = 1.8 VDC and VA_LINE = 3.0 VDC, then the gain factor would be
1.571.
Note:
It is possible to exceed the maximum output level, limited by VA_LINE, by incorrectly setting the
gain compensation factor.
The Line Mute option is available to allow muting of the line output when the headphone output is still in
use and the line amp is still powered up. To use this feature, first mute the outputs via the ATAPI bits.
Next, set the LINE GAIN to Line Mute. Finally, un-mute the outputs with the ATAPI bits. Following these
steps will ensure a click free mute.
4.11.3 DIGITAL INTERFACE FORMAT (DIF)
Default = 000 - Format 0 (I2S, up to 24-bit data, 64 x Fs Internal SLCK)
Function:
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 19-25.
Note:
Internal SCLK is not available when MCLKDIV is enabled.
7
654
32
10
MCLKDIV
LINE1
LINE0
RESERVED
RESERVED
DIF2
DIF1
DIF0
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com