Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 3Page - Cirrus Logic CS43L42 Datasheet HTML 4Page - Cirrus Logic CS43L42 Datasheet HTML 5Page - Cirrus Logic CS43L42 Datasheet HTML 6Page - Cirrus Logic CS43L42 Datasheet HTML 7Page - Cirrus Logic CS43L42 Datasheet HTML 8Page - Cirrus Logic CS43L42 Datasheet HTML 9Page - Cirrus Logic CS43L42 Datasheet HTML 10Page - Cirrus Logic CS43L42 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
CS43L42
DS481PP2
7
ANALOG CHARACTERISTICS (Continued)
Notes: 2. See Line Amplifier Gain Compensation (line) for details.
3. Filter response is not tested but is guaranteed by design.
4. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 9-16) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
5. Referenced to a 1 kHz, full-scale sine wave.
6. For Base-Rate Mode, the measurement bandwidth is 0.5465 Fs to 3 Fs.
For High-Rate Mode, the measurement bandwidth is 0.577 Fs to 1.4 Fs.
7. De-emphasis is not available in High-Rate Mode.
Parameters
Symbol
Min
Typ
Max
Units
Analog Output
Full Scale Line Output Voltage
(Note 2) VFS_LINE
TBD
G x VA
TBD
Vpp
Line Output Quiescent Voltage
VQ_LINE
-
0.5 x VA_LINE
-
VDC
Full Scale Headphone Output Voltage
VFS_HP
TBD
0.55 x VA
TBD
Vpp
Headphone Output Quiescent Voltage
VQ_HP
-
0.5 x VA_HP
-
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Maximum Line Output AC-Current
VA=VA_LINE=1.8 V
VA=VA_LINE=3.0 V
ILINE
-
-
0.1
0.15
-
-
mA
mA
Maximum Headphone Output
VA=VA_HP=1.8 V
AC-Current
VA=VA_HP=3.0 V
IHP
-
-
31
52
-
-
mA
mA
Parameter
Base-rate Mode
High-Rate Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response (Note 3)
Passband
(Note 4)
to -0.05 dB corner
to -0.1 dB corner
to -3 dB corner
0
-
0
-
-
-
.4535
-
.4998
-
0
0
-
-
-
-
.4426
.4984
Fs
Fs
Fs
Frequency Response 10 Hz to 20 kHz
(Note 5)
-.02
-
+.08
0
-
+0.11
dB
StopBand
.5465
-
-
.577
-
-
Fs
StopBand Attenuation
(Note 6)
50
-
-
55
-
-
dB
Group Delay
tgd
-
9/Fs
-
-
4/Fs
-
s
Passband Group Delay Deviation 0 - 40 kHz
0 - 20 kHz
-
-
-
±0.36/Fs
-
-
-
-
±1.39/Fs
±0.23/Fs
-
-
s
s
De-emphasis Error
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+.2/-.1
+.05/-.14
+0/-.22
(Note 7)
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com