Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 18Page - Cirrus Logic CS43L42 Datasheet HTML 19Page - Cirrus Logic CS43L42 Datasheet HTML 20Page - Cirrus Logic CS43L42 Datasheet HTML 21Page - Cirrus Logic CS43L42 Datasheet HTML 22Page - Cirrus Logic CS43L42 Datasheet HTML 23Page - Cirrus Logic CS43L42 Datasheet HTML 24Page - Cirrus Logic CS43L42 Datasheet HTML 25Page - Cirrus Logic CS43L42 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
CS43L42
22
DS481PP2
4.9 Limiter Release Rate (address 09h) (RRATE)
Default = 20h - 16 LRCK’s per 1/8 dB
Function:
The limiter release rate is user selectable. The rate is a function of sampling frequency, Fs, and the value
in the Limiter Release Rate register. Rates are calculated using the function RATE = 512/{value}, where
{value} is the decimal value in the Limiter Release Rate register and RATE is in LRCK’s per 1/8 dB of
change.
Note:
A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter.
Use the LIM_EN bit to disable the limiter function (see Peak Signal Limiter Enable (LIM_EN)).
4.10 Volume and Mixing Control (address 0Ah)
4.10.1 TONE CONTROL MODE (TC)
Default = 00
00 - All settings are taken from user registers
01 - 12 dB of Bass Boost at 100 Hz and 6 dB of Treble Boost at 7 kHz
10 - 8 dB of Bass Boost at 100 Hz and 4 dB of Treble Boost at 7 kHz
11 - 4 dB of Bass Boost at 100 Hz and 2 dB of Treble Boost at 7 kHz
Function:
The Tone Control Mode bits determine how the Bass Boost and Treble Boost features are configured.
The user defined settings from the Bass and Treble Boost Level and Corner Frequency registers are used
when these bits are set to ‘00’. Alternately, one of three pre-defined settings may be used.
4.10.2 TONE CONTROL ENABLE (TC_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The Bass Boost and Treble Boost features are active when this function is enabled.
7
654
32
10
RRATE7
RRATE6
RRATE5
RRATE4
RRATE3
RRATE2
RRATE1
RRATE0
0
010
00
00
Binary Code
Decimal Value
LRCK’s per 1/8 dB
00000001
1
512
00010100
20
25
00101000
40
12
00111100
60
8
01011010
90
5
Table 6. Example Limiter Release Rate Settings
7
654
32
10
TC1
TC0
TC_EN
LIM_EN
ATAPI3
ATAPI2
ATAPI1
ATAPI0
0
000
10
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com