Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 12Page - Cirrus Logic CS43L42 Datasheet HTML 13Page - Cirrus Logic CS43L42 Datasheet HTML 14Page - Cirrus Logic CS43L42 Datasheet HTML 15Page - Cirrus Logic CS43L42 Datasheet HTML 16Page - Cirrus Logic CS43L42 Datasheet HTML 17Page - Cirrus Logic CS43L42 Datasheet HTML 18Page - Cirrus Logic CS43L42 Datasheet HTML 19Page - Cirrus Logic CS43L42 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
CS43L42
16
DS481PP2
4. REGISTER DESCRIPTION
Note:
All registers are read/write in Two-Wire mode and write only in SPI, unless otherwise noted.
4.1 Power and Muting Control (address 01h)
4.1.1 AUTO-MUTE (AMUTE)
Default = 1
0 - Disabled
1 - Enabled
Function:
The Digital-to-Analog converter output will mute following the reception of 8192 consecutive audio sam-
ples of static 0 or -1. A single sample of non-static data will release the mute. Detection and muting is
done independently for each channel. The quiescent voltage on the output will be retained and the Mute
Control pin will go active during the mute period. The muting function is affected, similar to volume control
changes, by the Soft and Zero Cross bits in the Power and Muting Control register.
4.1.2 SOFT RAMP AND ZERO CROSS CONTROL (SZC)
Default = 10
00 - Immediate Change
01 - Zero Cross Digital and Analog
10 - Ramped Digital and Analog
11 - Reserved
Function:
Immediate Change
When Immediate Change is selected all level changes will take effect immediately in one step.
Zero Cross Digital and Analog
Zero Cross Enable dictates that signal level changes, either by attenuation changes or muting, will occur
on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a
timeout period of 512 sample periods (10.7 ms at 48 kHz sample rate) if the signal does not encounter a
zero crossing. The zero cross function is independently monitored and implemented for each channel.
Ramped Digital and Analog
Soft Ramp allows digital level changes, both muting and attenuation, to be implemented by incrementally
ramping, in 1/8 dB steps, from the current level to the new level at a rate of 1 dB per 8 left/right clock pe-
riods. Analog level changes will occur in 1 dB steps on a signal zero crossing. The analog level change
will occur after a timeout period of 512 sample periods (10.7 ms at 48 kHz sample rate) if the signal does
not encounter a zero crossing. The zero cross function is independently monitored and implemented for
each channel.
Note:
Ramped Digital and Analog is not available in High-Rate Mode.
7
654
32
10
AMUTE
SZC1
SZC0
POR
PDNHP
PDNLN
PDN
RESERVED
1
101
00
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com