Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L42 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS43L42
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L42 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS43L42 Datasheet HTML 23Page - Cirrus Logic CS43L42 Datasheet HTML 24Page - Cirrus Logic CS43L42 Datasheet HTML 25Page - Cirrus Logic CS43L42 Datasheet HTML 26Page - Cirrus Logic CS43L42 Datasheet HTML 27Page - Cirrus Logic CS43L42 Datasheet HTML 28Page - Cirrus Logic CS43L42 Datasheet HTML 29Page - Cirrus Logic CS43L42 Datasheet HTML 30Page - Cirrus Logic CS43L42 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
CS43L42
DS481PP2
27
DEM0 and DEM1
(Stand-Alone Mode)
4 and 5
De-emphasis Control (Input) - Selects the appropriate digital filter to maintain the standard
15
µs/50 µs digital de-emphasis filter response at 32, 44.1 or 48 kHz sample rates. (see Fig-
ure 30) When using Internal Serial Clock Mode, Pin 5 is available for de-emphasis control,
DEM1, and all de-emphasis filters are available. When using External Serial Clock Mode,
Pin 5 is not available for de-emphasis use and only the 44.1 kHz de-emphasis filter is avail-
able. (see Table 9)
Note:
De-emphasis is not available in High-Rate Mode.
VL
6
Interface Power (Input) - Digital interface power supply. Typically 1.8 to 3.3 VDC.
MCLK
7
Master Clock (Input) - Frequency must be either 256x, 384x, 512x, 768x or 1024x the input
sample rate in Base Rate Mode (BRM) and 128x, 192x, 256x or 384x the input sample rate
in High Rate Mode (HRM). Note that some multiplication factors require setting the
MCLKDIV bit (see Master Clock DIVIDE ENABLE (mclkdiv)). Tables 10 and 11 illustrate
several standard audio sample rates and the required master clock frequencies.
SCL/CCLK
(Control Port Mode)
8
Serial Control Interface Clock (Input) - Clocks the serial control data into or out of
SDA/CDIN.
SDA/CDIN
(Control Port Mode)
9
Serial Control Data I/O (Input/Output) - In Two-Wire mode, SDA is a data I/O line. CDIN is
the input data line for the control port interface in SPI mode.
Internal SCLK
External SCLK
DEM1
DEMO
DESCRIPTION
DEMO
DESCRIPTION
00
Disabled
0
Disabled
01
44.1kHz
1
44.1 kHz
10
48kHz
11
32kHz
Table 9. Stand Alone De-Emphasis Control
Sample Rate
(kHz)
MCLK (MHz)
HRM
128x
192x
256x*
384x*
32
4.0960
6.1440
8.1920
12.2880
44.1
5.6448
8.4672
11.2896
16.9344
48
6.1440
9.2160
12.2880
18.4320
64
8.1920
12.2880
16.3840
24.5760
88.2
11.2896
16.9344
22.5792
33.8688
96
12.2880
18.4320
24.5760
36.8640
* Requires MCLKDIV bit = 1 in Mode Control 2 register (address 0Bh).
Table 10. HRM Common Clock Frequencies
Sample Rate
(kHz)
MCLK (MHz)
BRM
256x
384x
512x
768x*
1024x*
32
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
11.2896
16.9344
22.5792
32.7680
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
* Requires MCLKDIV bit = 1 in Mode Control 2 register (address 0Bh).
Table 11. BRM Common Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com