Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet (PDF) - Cirrus Logic

CS43L41 Datasheet PDF - Cirrus Logic
Part # CS43L41
Download  CS43L41 Download
File Size   622.7 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power 24-Bit, 96 kHz DAC with Volume Control?

CS43L41 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS43L41 Datasheet PDF - Cirrus Logic

Part # CS43L41
Download  CS43L41 Click to download

File Size   622.7 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power 24-Bit, 96 kHz DAC with Volume Control?

CS43L41 Datasheet (HTML) - Cirrus Logic


CS43L41 Product details

Description
The CS43L41 is a complete stereo digital-to-analog system including digital interpolation, fourth-order delta-sigma digital-to-analog conversion, digital de-emphasis, volume control, channel mixing and analog filtering. The advantages of this architecture include: ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature and a high tolerance to clock jitter.

Features
● Complete Stereo DAC System: Interpolation, D/A, Output Analog Filtering
● ATAPI Mixing
● 101 dB Dynamic Range
● 89 dBFS THD+N
● Low Clock Jitter Sensitivity
● +2.4 V to +5 V Power Supply
● Filtered Line Level Outputs
● On-Chip Digital De-emphasis for 32, 44.1, and 48 kHz
● Digital Volume Control with Soft Ramp
    – 94 dB Attenuation
    – 1 dB Step Size
    – Zero Crossing Click-Free Transitions
● 24 mW with 2.4 V supply




Similar Part No. - CS43L41

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43L42 CIRRUS-CS43L42 Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L42-KZ CIRRUS-CS43L42-KZ Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L42-KZZ CIRRUS-CS43L42-KZZ Datasheet
1Mb / 40P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
CS43L43-KZ CIRRUS-CS43L43-KZ Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
More results


Similar Description - CS43L41

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
24-Bit, 96 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Cirrus Logic
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
24-Bit, 192 kHz Stereo DAC with Volume Control
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com