Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet (PDF) - Cirrus Logic

CS4341 Datasheet PDF - Cirrus Logic
Part # CS4341
Download  CS4341 Download
File Size   923.02 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 96 kHz Stereo DAC with Volume Control?

CS4341 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4341 Datasheet PDF - Cirrus Logic

Part # CS4341
Download  CS4341 Click to download

File Size   923.02 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-Bit, 96 kHz Stereo DAC with Volume Control?

CS4341 Datasheet (HTML) - Cirrus Logic


CS4341 Product details

Description

The CS4341 is a complete stereo digital-to-analog system including digital interpolation, fourth-order Delta Sigma digital-to-analog conversion, digital de-emphasis and switched capacitor analog filtering. The advantages of this architecture include: ideal differential linearity, no distortion mechanisms due to resistor matching errors, no linearity drift over time and temperature and a high tolerance to clock jitter.



Features

• 101 dB Dynamic Range

• -91 dB THD+N

• +3.0 V or +5.0 V Power Supply

• Low Clock-Jitter Sensitivity

• Filtered Line-Level Outputs

• On-Chip Digital De-Emphasis for 32, 44.1 and 48 kHz

• ATAPI Mixing

• Digital Volume Control with Soft Ramp

   – 94 dB Attenuation

   – 1 dB Step Size

   – Zero Crossing Click-Free Transitions

• Popguard® Technology for Control of Clicks and Pops

• 33 mW with 3.0 V Supply



 




Similar Part No. - CS4341

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4341-CZZ CIRRUS-CS4341-CZZ Datasheet
909Kb / 34P
24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341-KS CIRRUS-CS4341-KS Datasheet
909Kb / 34P
24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A-KS CIRRUS-CS4341A-KS Datasheet
716Kb / 32P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A-KS CIRRUS-CS4341A-KS Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
More results


Similar Description - CS4341

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS43L41 CIRRUS-CS43L41 Datasheet
622Kb / 36P
Low Power 24-Bit, 96 kHz DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Cirrus Logic
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
24-Bit, 192 kHz Stereo DAC with Volume Control
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com