Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 2Page - Cirrus Logic CS43L41 Datasheet HTML 3Page - Cirrus Logic CS43L41 Datasheet HTML 4Page - Cirrus Logic CS43L41 Datasheet HTML 5Page - Cirrus Logic CS43L41 Datasheet HTML 6Page - Cirrus Logic CS43L41 Datasheet HTML 7Page - Cirrus Logic CS43L41 Datasheet HTML 8Page - Cirrus Logic CS43L41 Datasheet HTML 9Page - Cirrus Logic CS43L41 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS43L41
6
DS473PP1
ANALOG CHARACTERISTICS (Continued)
Notes: 2. Refer to Figure 18.
3. Filter response is guaranteed by design.
4. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 9-16) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
5. For Base-Rate Mode, the Measurement Bandwidth is 0.5465 Fs to 3 Fs.
For High-Rate Mode, the Measurement Bandwidth is 0.577 Fs to 1.4 Fs.
6. De-emphasis is not available in High-Rate Mode.
Parameters
Symbol
Min
Typ
Max
Units
Analog Output
Full Scale Output Voltage
0.63•VA
0.7•VA
0.77•VA
Vpp
Quiescent Voltage
VQ
-0.5•VA
-
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
AC-Load Resistance
(Note 2)
RL
3-
-
k
Ω
Load Capacitance
(Note 2)
CL
--
100
pF
Parameter
Base-rate Mode
High-Rate Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response (Note 3)
Passband
(Note 4)
to -0.05 dB corner
to -0.1 dB corner
to -3 dB corner
0
-
0
-
-
-
.4535
-
.4998
-
0
0
-
-
-
-
.4621
.4982
Fs
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.02
-
+.08
-0.06
-
0
dB
StopBand
.5465
-
-
.577
-
-
Fs
StopBand Attenuation
(Note 5)
50
-
-
55
-
-
dB
Group Delay
tgd
-
9/Fs
-
-
4/Fs
-
s
Passband Group Delay Deviation 0 - 40 kHz
0 - 20 kHz
-
-
-
±0.36/Fs
-
-
-
-
±1.39/Fs
±0.23/Fs
-
-
s
s
De-emphasis Error
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+.2/-.1
+.05/-.14
+0/-.22
(Note 6)
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com