Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 11Page - Cirrus Logic CS43L41 Datasheet HTML 12Page - Cirrus Logic CS43L41 Datasheet HTML 13Page - Cirrus Logic CS43L41 Datasheet HTML 14Page - Cirrus Logic CS43L41 Datasheet HTML 15Page - Cirrus Logic CS43L41 Datasheet HTML 16Page - Cirrus Logic CS43L41 Datasheet HTML 17Page - Cirrus Logic CS43L41 Datasheet HTML 18Page - Cirrus Logic CS43L41 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
CS43L41
DS473PP1
15
4.
REGISTER BIT DESCRIPTION
4.1
MASTER CLOCK DIVIDE ENABLE
MCLK Control Register (address 00h)
Access:
R/W in I2C and write only in SPI.
Default:
0 - Disabled
Function:
The MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2.
Note: This feature is present on revision C and newer devices. For backward compatibility with pre-
vious revision devices, this bit defaults to zero.
4.2
AUTO-MUTE
Mode Control Register (address 01h)
Access:
R/W in I2C and write only in SPI.
Default:
1 - Enabled
Function:
The Digital-to-Analog converter output will mute following the reception of 8192 consecutive audio
samples of static 0 or -1. A single sample of non-zero data will release the mute. Detection and mut-
ing is done independently for each channel. The quiescent voltage on the output will be retained and
the Mute Control pin will go active during the mute period. The muting function is effected, similar to
volume control changes, by the Soft and Zero Cross bits in the Volume and Mixing Control register.
765
4321
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MCLKDIV
Reserved
MCLKDIV
MODE
0
Disabled
1
Enabled
Table 1. Master Clock Divide Enable
765
4321
0
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
POR
PDN
AMUTE
MODE
0
Disabled
1
Enabled
Table 2. Auto-Mute Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com