Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 15Page - Cirrus Logic CS43L41 Datasheet HTML 16Page - Cirrus Logic CS43L41 Datasheet HTML 17Page - Cirrus Logic CS43L41 Datasheet HTML 18Page - Cirrus Logic CS43L41 Datasheet HTML 19Page - Cirrus Logic CS43L41 Datasheet HTML 20Page - Cirrus Logic CS43L41 Datasheet HTML 21Page - Cirrus Logic CS43L41 Datasheet HTML 22Page - Cirrus Logic CS43L41 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
CS43L41
DS473PP1
19
Soft Ramp and Zero Cross Enable
Soft Ramp and Zero Cross Enable dictates that signal level changes, either by attenuation changes
or muting, will occur in 1/8 dB steps and be implemented on a signal zero crossing. The 1/8 dB level
change will occur after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms
at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero cross function is
independently monitored and implemented for each channel.
4.9
ATAPI CHANNEL MIXING AND MUTING
Volume and Mixing Control Register (address 02h)
Access:
R/W in I2C and write only in SPI.
Default:
01001 - AOUTA=aL, AOUTB=bR (Stereo)
Function:
The CS43L41 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer
to Table 9 and Figure 28 for additional information.
SOFT
ZERO
Mode
0
0
Changes to affect immediately
0
1
Zero Cross enabled
1
0
Soft Ramp enabled
1
1
Soft Ramp and Zero Cross enabled
Table 8. Soft Ramp and Zero Cross Enable
765
4321
0
A = B
Soft
Zero Cross
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTA
AOUTB
0000
0
MUTE
MUTE
0000
1
MUTE
bR
0001
0
MUTE
bL
0001
1
MUTE
b[(L+R)/2]
0010
0
aR
MUTE
0010
1
aR
bR
0011
0
aR
bL
0011
1
aR
b[(L+R)/2]
0100
0
aL
MUTE
0100
1
aL
bR
0101
0
aL
bL
0101
1
aL
b[(L+R)/2]
0110
0
a[(L+R)/2]
MUTE
0110
1
a[(L+R)/2]
bR
0111
0
a[(L+R)/2]
bL
0111
1
a[(L+R)/2]
b[(L+R)/2]
1000
0
MUTE
MUTE
1000
1
MUTE
bR
Table 9. ATAPI Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com