Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 19Page - Cirrus Logic CS43L41 Datasheet HTML 20Page - Cirrus Logic CS43L41 Datasheet HTML 21Page - Cirrus Logic CS43L41 Datasheet HTML 22Page - Cirrus Logic CS43L41 Datasheet HTML 23Page - Cirrus Logic CS43L41 Datasheet HTML 24Page - Cirrus Logic CS43L41 Datasheet HTML 25Page - Cirrus Logic CS43L41 Datasheet HTML 26Page - Cirrus Logic CS43L41 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
CS43L41
DS473PP1
23
Master Clock - MCLK
Pin 5, Input
Function:
The master clock frequency must be either 256x, 384x, 512x, 768x or 1024x the input sample rate in Base
Rate Mode (BRM) and 128x, 192x, 256x or 384x the input sample rate in High Rate Mode (HRM). Note
that some multiplication factors require setting the MCLKDIV bit in the MCLK Control Register. Table 12
illustrates several standard audio sample rates and the required master clock frequencies.
Left/Right Clock - LRCK
Pin 4, Input
Function:
The Left/Right clock determines which channel is currently being input on the serial audio data input, SDA-
TA. The frequency of the Left/Right clock must be at the input sample rate. Audio samples in Left/Right
sample pairs will be simultaneously output from the digital-to-analog converter whereas Right/Left pairs
will exhibit a one sample period difference. The required relationship between the Left/Right clock, serial
clock and serial data is defined by the Mode Control Byte and the options are detailed in Figures 20-26.
Serial Audio Data - SDATA
Pin 2, Input
Function:
Two’s complement MSB-first serial data is input on this pin. The data is clocked into SDATA via the serial
clock and the channel is determined by the Left/Right clock. The required relationship between the
Left/Right clock, serial clock and serial data is defined by the Mode Control Byte and the options are de-
tailed in Figures 20-26.
Sample Rate
(kHz)
MCLK (MHz)
HRM
BRM
128x
192x
256x*
384x*
256x
384x
512x
768x*
1024x*
32
4.0960
6.1440
8.1920
12.2880
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
5.6448
8.4672
11.2896
16.9344
11.2896
16.9344
22.5792
32.7680
45.1584
48
6.1440
9.2160
12.2880
18.4320
12.2880
18.4320
24.5760
36.8640
49.1520
64
8.1920
12.2880
16.3840
24.5760
-
-
-
-
-
88.2
11.2896
16.9344
22.5792
33.8688
-
-
-
-
-
96
12.2880
18.4320
24.5760
36.8640
-
-
-
-
-
* Requires MCLKDIV bit = 1 in MCLK Control Register (address 00h)
Table 12. Common Clock Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com