Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 16Page - Cirrus Logic CS43L41 Datasheet HTML 17Page - Cirrus Logic CS43L41 Datasheet HTML 18Page - Cirrus Logic CS43L41 Datasheet HTML 19Page - Cirrus Logic CS43L41 Datasheet HTML 20Page - Cirrus Logic CS43L41 Datasheet HTML 21Page - Cirrus Logic CS43L41 Datasheet HTML 22Page - Cirrus Logic CS43L41 Datasheet HTML 23Page - Cirrus Logic CS43L41 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
CS43L41
20
DS473PP1
4.10
MUTE
Channel A Volume Control Register (address 03h)
Channel B Volume Control Register (address 04h)
Access:
R/W in I2C and write only in SPI.
Default:
0 - Disabled
Function:
The Digital-to-Analog converter output will mute when enabled. The quiescent voltage on the output
will be retained. The muting function is effected, similar to attenuation changes, by the Soft and Zero
Cross bits in the Volume and Mixing Control register. The MUTEC will go active during the mute pe-
riod if the Mute function is enabled for both channels.
1001
0
MUTE
bL
1001
1
MUTE
[(aL+bR)/2]
1010
0
aR
MUTE
1010
1
aR
bR
1011
0
aR
bL
1011
1
aR
[(bL+aR)/2]
1100
0
aL
MUTE
1100
1
aL
bR
1101
0
aL
bL
1101
1
aL
[(aL+bR)/2]
1110
0
[(aL+bR)/2]
MUTE
1110
1
[(aL+bR)/2]
bR
1111
0
[(bL+aR)/2]
bL
1111
1
[(aL+bR)/2]
[(aL+bR)/2]
765
4321
0
MUTE
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
MUTE
MODE
0
Disabled
1
Enabled
Table 10. Mute Enable
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTA
AOUTB
Table 9. ATAPI Decode (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com