Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 10Page - Cirrus Logic CS43L41 Datasheet HTML 11Page - Cirrus Logic CS43L41 Datasheet HTML 12Page - Cirrus Logic CS43L41 Datasheet HTML 13Page - Cirrus Logic CS43L41 Datasheet HTML 14Page - Cirrus Logic CS43L41 Datasheet HTML 15Page - Cirrus Logic CS43L41 Datasheet HTML 16Page - Cirrus Logic CS43L41 Datasheet HTML 17Page - Cirrus Logic CS43L41 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
CS43L41
14
DS473PP1
3.3
Volume and Mixing Control (address 02h)
A = B (Channel A Volume = Channel B Volume)
Default = ‘0’.
0 - AOUTA volume is determined by register 03h and AOUTB volume is determined by register
04h.
1 - AOUTA and AOUTB volumes are determined by register 03h and register 04h is ignored.
Soft & Zero Cross (Soft control and zero cross detection control)
Default = ‘10’.
Soft
Zero Cross
Mode
0
0
Changes take effect immediately
0
1
Changes take effect on zero crossings
1
0
Changes take effect with a soft ramp (default)
1
1
Changes take effect in 1/8 dB steps on each zero crossing
ATAPI 0-4 (Channel mixing and muting)
(refer to Table 9)
Default = ‘01001’, (Stereo)
AOUTA = Left Channel
AOUTB = Right Channel
3.4
Channel A Volume Control (address 03h)
3.5
Channel B Volume Control (address 04h)
MUTE
Default = ‘0’
0 - Disabled
1 - Enabled
Volume
Default = ‘0’
(Refer to Table 11)
765
4321
0
A = B
Soft
Zero Cross
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
010
0100
1
765
4321
0
MUTE
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
000
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com