Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 12Page - Cirrus Logic CS43L41 Datasheet HTML 13Page - Cirrus Logic CS43L41 Datasheet HTML 14Page - Cirrus Logic CS43L41 Datasheet HTML 15Page - Cirrus Logic CS43L41 Datasheet HTML 16Page - Cirrus Logic CS43L41 Datasheet HTML 17Page - Cirrus Logic CS43L41 Datasheet HTML 18Page - Cirrus Logic CS43L41 Datasheet HTML 19Page - Cirrus Logic CS43L41 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
CS43L41
16
DS473PP1
4.3
DIGITAL INTERFACE FORMAT
Mode Control Register (address 01h)
Access:
R/W in I2C and write only in SPI.
Default:
0 - Format 0 (I2S, up to 24-bit data, 64 x Fs Internal SCLK)
Function:
The required relationship between the Left/Right clock, serial clock and serial data is defined by the
Digital Interface Format and the options are detailed in Figures 20-26.
4.4
DE-EMPHASIS CONTROL
Mode Control Register (address 01h)
Access:
R/W in I2C and write only in SPI.
Default:
0 - Disabled
Function:
Implementation of the standard 15
µs/50µs digital de-emphasis filter response, Figure 27, requires re-
configuration of the digital filter to maintain the proper filter response for 32, 44.1 or 48 kHz sample
rates. NOTE: De-emphasis is not available in High-Rate Mode.
765
4321
0
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
POR
PDN
DIF2
DIF1
DIF0
DESCRIPTION
FORMAT
FIGURE
00
0
I2S, up to 24-bit data, 64 x Fs Internal SCLK
020
00
1
I2S, up to 24-bit data, 32 x Fs Internal SCLK
121
0
1
0
Left Justified, up to 24-bit data
2
22
0
1
1
Right Justified, 24-bit Data
3
23
1
0
0
Right Justified, 20-bit Data
4
24
1
0
1
Right Justified, 16-bit Data
5
25
1
1
0
Right Justified, 18-bit Data
6
26
1
1
1
Identical to Format 1
7
20
Table 3. Digital Interface Formats
765
4321
0
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
POR
PDN
DEM1
DEMO
DESCRIPTION
0
0
Disabled
01
44.1kHz
10
48kHz
11
32kHz
Table 4. De-emphasis Filter Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com