Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 22Page - Cirrus Logic CS43L41 Datasheet HTML 23Page - Cirrus Logic CS43L41 Datasheet HTML 24Page - Cirrus Logic CS43L41 Datasheet HTML 25Page - Cirrus Logic CS43L41 Datasheet HTML 26Page - Cirrus Logic CS43L41 Datasheet HTML 27Page - Cirrus Logic CS43L41 Datasheet HTML 28Page - Cirrus Logic CS43L41 Datasheet HTML 29Page - Cirrus Logic CS43L41 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
CS43L41
26
DS473PP1
Control function can enable the system designer to
achieve idle channel noise/signal-to-noise ratios
which are only limited by the external mute circuit.
7. CONTROL PORT INTERFACE
The control port is used to load all the internal set-
tings of the CS43L41. The operation of the control
port may be completely asynchronous to the audio
sample rate. However, to avoid potential interfer-
ence problems, the control port pins should remain
static if no operation is required. *
The control port has 2 modes: SPI and I2C compat-
ible, with the CS43L41 operating as a slave device
in both modes. If I2C operation is desired, AD0/CS
should be tied to VA or AGND. If the CS43L41
ever detects a high to low transition on AD0/CS af-
ter power-up, SPI mode will be selected. The con-
trol port registers are write-only in SPI mode.
7.1
SPI Mode
In SPI mode, CS is the CS43L41 chip select signal,
CCLK is the control port bit clock, CDIN is the in-
put data line from the microcontroller and the chip
address is 0010000. All signals are inputs and data
is clocked in on the rising edge of CCLK.
Figure 7 shows the operation of the control port in
SPI mode. To write to a register, bring CS low. The
first 7 bits on CDIN form the chip address, and
must be 0010000. The eighth bit is a read/write in-
dicator (R/W), which must be low to write. The
next 8 bits form the Memory Address Pointer
(MAP), which is set to the address of the register
that is to be updated. The next 8 bits are the data
which will be placed into the register designated by
the MAP.
The CS43L41 has MAP auto increment capability,
enabled by the INCR bit in the MAP register. If
INCR is 0, then the MAP will stay constant for suc-
cessive writes. If INCR is set to 1, then MAP will
auto increment after each byte is written, allowing
block reads or writes of successive registers.
7.2
I2C Compatible Mode
In I2C compatible mode, SDA is a bi-directional
data line. Data is clocked into and out of the part by
the clock, SCL, with the clock to data relationship
as shown in Figure 8. There is no CS pin. Pin AD0
forms the partial chip address and should be tied to
VA or AGND as required. The upper 6 bits of the
7-bit address field must be 001000. To communi-
cate with the CS43L41 the LSB of the chip address
field, which is the first byte sent to the CS43L41,
should match the setting of the AD0 pin. The eighth
bit of the address byte is the R/W bit (high for a
read, low for a write). If the operation is a write, the
next byte is the Memory Address Pointer, MAP,
which selects the register to be read or written. The
MAP is then followed by the data to be written. If
the operation is a read, then the contents of the reg-
ister pointed to by the MAP will be output after the
chip address.
The CS43L41 has MAP auto increment capability,
enabled by the INCR bit in the MAP register. If
INCR is 0, then the MAP will stay constant for suc-
cessive writes. If INCR is set to 1, then MAP will
auto increment after each byte is written, allowing
block reads or writes of successive registers.
For more information on I2C, please see “The I2C-
Bus Specification: Version 2.0”, listed in the Ref-
erences section.
* The MCLK is required for both control port inter-
faces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com