Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 3Page - Cirrus Logic CS43L41 Datasheet HTML 4Page - Cirrus Logic CS43L41 Datasheet HTML 5Page - Cirrus Logic CS43L41 Datasheet HTML 6Page - Cirrus Logic CS43L41 Datasheet HTML 7Page - Cirrus Logic CS43L41 Datasheet HTML 8Page - Cirrus Logic CS43L41 Datasheet HTML 9Page - Cirrus Logic CS43L41 Datasheet HTML 10Page - Cirrus Logic CS43L41 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
CS43L41
DS473PP1
7
POWER AND THERMAL CHARACTERISTICS
Notes: 7. Refer to Figure 19.
8. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure 1.
DIGITAL CHARACTERISTICS (T
A = 25°C; VA = 2.28V - 5.5V)
ABSOLUTE MAXIMUM RATINGS (AGND = 0V; all voltages with respect to ground.)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal operation is
not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (AGND = 0V; all voltages with respect to ground.)
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation
VA = 5 V
power-down state
IA
IA
-
-
15
60
17
-
mA
µA
Power Dissipation
(Note 7)
VA = 5 V
normal operation
power-down
-
-
75
0.3
85
-
mW
mW
Power Supply Current
normal operation
VA = 2.4 V
power-down state
IA
IA
-
-
10
30
TBD
-
mA
µA
Power Dissipation
(Note 7)
VA = 2.4 V
normal operation
power-down
-
-
24
0.07
TBD
-
mW
mW
Package Thermal Resistance
θ
JA
-110
-
°C/Watt
Power Supply Rejection Ratio (1 kHz)
(Note 8)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VA = 5 V
VA = 2.4 V
VIH
2.0
2.0
-
-
-
-
V
V
Low-Level Input Voltage
VA = 5 V
VA = 2.4 V
VIL
-
-
-
-
0.8
0.8
V
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Current
-
3
-
mA
Parameters
Symbol
Min
Max
Units
DC Power Supply
VA
-0.3
6.0
V
Input Current, Any Pin Except Supplies
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
VA+0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
VA
2.28
5.0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com