Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L41 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS43L41
Description  Low Power 24-Bit, 96 kHz DAC with Volume Control?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L41 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS43L41 Datasheet HTML 13Page - Cirrus Logic CS43L41 Datasheet HTML 14Page - Cirrus Logic CS43L41 Datasheet HTML 15Page - Cirrus Logic CS43L41 Datasheet HTML 16Page - Cirrus Logic CS43L41 Datasheet HTML 17Page - Cirrus Logic CS43L41 Datasheet HTML 18Page - Cirrus Logic CS43L41 Datasheet HTML 19Page - Cirrus Logic CS43L41 Datasheet HTML 20Page - Cirrus Logic CS43L41 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
CS43L41
DS473PP1
17
4.5
POWER ON/OFF QUIESCENT VOLTAGE RAMP
Mode Control Register (address 01h)
Access:
R/W in I2C and write only in SPI.
Default:
1 - Enabled
Function:
The power On/Off Quiescent Voltage Ramp allows the quiescent voltage to slowly ramp to and from
0 volts to the quiescent voltage during power-on or power-off. Please refer to the applications section
for details of implementing this feature.
4.6
POWER DOWN
Mode Control Register (address 01h)
Access:
R/W in I2C and write only in SPI.
Default:
1 - Enabled
Function:
The device will enter a low-power state whenever this function is activated. The power-down bit de-
faults to ‘enabled’ on power-up and must be disabled before normal operation will begin. The contents
of the control registers are retained in this mode.
765
4321
0
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
POR
PDN
POR
MODE
0
Disabled
1
Enabled
Table 5. Power On/Off Ramp Enable
765
4321
0
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
POR
PDN
PDN
MODE
0
Disabled
1
Enabled
Table 6. Power Down Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com